Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3154 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 7Page - STMicroelectronics AN3154 Datasheet HTML 8Page - STMicroelectronics AN3154 Datasheet HTML 9Page - STMicroelectronics AN3154 Datasheet HTML 10Page - STMicroelectronics AN3154 Datasheet HTML 11Page - STMicroelectronics AN3154 Datasheet HTML 12Page - STMicroelectronics AN3154 Datasheet HTML 13Page - STMicroelectronics AN3154 Datasheet HTML 14Page - STMicroelectronics AN3154 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DocID017063 Rev 5
11/34
AN3154
Bootloader command set
33
Message 12: Std ID = 0x00, DLC = 1, data = 0x63 - Write Protect command
Message 13: Std ID = 0x00, DLC = 1, data = 0x73 - Write Unprotect command
Message 14: Std ID = 0x00, DLC = 1, data = 82h - Readout Protect command
Message 15: Std ID = 0x00, DLC = 1, data = 92h - Readout Unprotect command
Message 1: Std ID = 0x00, DLC = 1, data = 0x79- ACK
3.2
Get Version & Read Protection Status command
The Get Version & Read Protection Status command is used to get the bootloader version
and the read protection status. When the bootloader receives the command, it transmits the
information described below (version and 2 dummy bytes having value 0x00) to the host.
Figure 6. Get Version & Read Protection Status command: host side
1. GV = Get Version & Read Protection Status.
The host sends messages as follows:
Command message: Std ID = 0x01, data length code (DLC) = ‘not important’.
ACK Message contain: Std ID = 0x01, DLC = 1, data = 0x79 - ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com