Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3154 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 17Page - STMicroelectronics AN3154 Datasheet HTML 18Page - STMicroelectronics AN3154 Datasheet HTML 19Page - STMicroelectronics AN3154 Datasheet HTML 20Page - STMicroelectronics AN3154 Datasheet HTML 21Page - STMicroelectronics AN3154 Datasheet HTML 22Page - STMicroelectronics AN3154 Datasheet HTML 23Page - STMicroelectronics AN3154 Datasheet HTML 24Page - STMicroelectronics AN3154 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID017063 Rev 5
21/34
AN3154
Bootloader command set
33
Note:
1
When writing to the RAM, you should take care not to overlap the first RAM memory used by
the bootloader firmware.
2
No error is returned when performing write operations on write protected sectors.
Figure 16. Write Memory command: host side
Note:
If the start address is invalid, the command is NACKed by the device.
The host sends the messages as follows:
Command message: Std ID = 0x31, DLC = 0x05, data[0] = 0xXX: MSB address,..., data[3] =
0xYY: LSB address, data[4] = N-1 (number of bytes to be written - 1), 0 < N
≤255).
then the host send N/8 message
Data message: Std ID = 0x31, DLC_1 = to 8, data = byte_11, … byte_18…
Data message_M: Std ID = 0x04, DLC_M = 1 to 8, data = byte_m1, …, byte_M8
Note:
1
DLC_1 + DLC_2 + ... DLC_M = 256 maximum
2
After each message the host receives the ACK or NACK message from the device
3
The bootloader does not check the standard ID of the data, so any ID from 0h to 0xFF can
be used. It is recommended to use 0x04.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com