Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3154 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 13Page - STMicroelectronics AN3154 Datasheet HTML 14Page - STMicroelectronics AN3154 Datasheet HTML 15Page - STMicroelectronics AN3154 Datasheet HTML 16Page - STMicroelectronics AN3154 Datasheet HTML 17Page - STMicroelectronics AN3154 Datasheet HTML 18Page - STMicroelectronics AN3154 Datasheet HTML 19Page - STMicroelectronics AN3154 Datasheet HTML 20Page - STMicroelectronics AN3154 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
DocID017063 Rev 5
17/34
AN3154
Bootloader command set
33
3.5
Read Memory command
The Read Memory command is used to read data from any valid memory address (see
note) in RAM, Flash memory and in the information block (System memory or option byte
areas).
When the bootloader receives the Read Memory command, it starts to verify the contents of
the message:
•
ID of the command is correct or not
•
ReadOutProtection is disabled or enabled
•
Address to be read is valid or not
If the message content is correct it transmits an ACK message otherwise it transmits a
NACK message.
After sending an ACK message, then it transmits the required data to the application ((N +
1) bytes) via (N+1) messages /8 (since each message contains 8 bytes), starting from the
received address.
Figure 12. Read memory command: host side
The host sends messages as follows:
Command message:
Std ID = 0x11, DLC = 0x05, data[0] = 0xXX: MSB of the address... data[3] = 0xYY: LSB of
the address, data[4] = N: number of bytes to be read (where 0 < N
≤255).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com