Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS10ASJ-06F Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FS10ASJ-06F
Description  High-Speed Switching Use Nch Power MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS10ASJ-06F Datasheet(HTML) 5 Page - Renesas Technology Corp

  FS10ASJ-06F_15 Datasheet HTML 1Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 2Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 3Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 4Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 5Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 6Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 7Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 8Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FS10ASJ-06F
REJ03G0241-0200 Rev.2.00 Dec 19, 2008
Page 3 of 6
Performance Curves
0
8
16
24
32
40
0200
50
100
150
10–1
100
2
3
5
7
101
2
3
5
7
102
7
2
3
5
2
10 0
2 3
7101
5
55
7102
3
7
tw = 10
µs
100
µs
10ms
1ms
DC
Tc = 25°C
Single Pulse
Drain Power Dissipation Derating Curve
Case Temperature Tc (°C)
Maximum Safe Operating Area
Drain-Source Voltage VDS (V)
0
4
8
12
16
20
0
0.4
0.8
1.2
1.6
2.0
3V
4V
6V
0
2
4
6
8
10
00.2
0.4
0.6
0.8
1.0
3V
2.5V
4V
0
20
40
60
80
100
100
101
102
37
7
5
2
10–1
37
5
23
2
5
10V
0
0.4
0.8
1.2
1.6
2.0
02468
10
10A
5A
VGS = 4V
Tc = 25°C
Pulse Test
ID = 15A
Tc = 25°C
Pulse Test
Tc = 25°C
Pulse Test
Tc = 25°C
Pulse Test
VGS = 10V
6V
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
On-State Voltage vs.
Gate-Source Voltage (Typical)
Gate-Source Voltage VGS (V)
On-State Resistance vs.
Drain Current (Typical)
Drain Current ID (A)
PD = 20W
8V
VGS = 10V
8V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com