Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS10ASJ-06F Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FS10ASJ-06F
Description  High-Speed Switching Use Nch Power MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS10ASJ-06F Datasheet(HTML) 3 Page - Renesas Technology Corp

  FS10ASJ-06F_15 Datasheet HTML 1Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 2Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 3Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 4Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 5Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 6Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 7Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 8Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
REJ03G0241-0200 Rev.2.00 Dec 19, 2008
Page 1 of 6
FS10ASJ-06F
High-Speed Switching Use
Nch Power MOS FET
REJ03G0241-0200
Rev.2.00
Dec 19, 2008
Features
• Drive voltage : 4 V
• V
DSS : 60 V
• r
DS(ON) (max) : 70 m
Ω
• I
D : 10 A
• Recovery Time of the Integrated Fast Recovery Diode (TYP.) : 30 ns
Outline
1
1
3
3
2, 4
2
4
1. Gate
2. Drain
3. Source
4. Drain
RENESAS Package code: PRSS0004ZG-A
(Package name: MP-3A)
Applications
Motor control, lamp control, solenoid control, DC-DC converters, etc.
Maximum Ratings
(Tc = 25°C)
Parameter
Symbol
Ratings
Unit
Conditions
Drain-source voltage
VDSS
60
V
VGS = 0 V
Gate-source voltage
VGSS
±20
V
VDS = 0 V
Drain current
ID
10
A
Drain current (Pulsed)
IDM
40
A
Avalanche current (Pulsed)
IDA
10
A
L = 50
µH
Source current
IS
10
A
Source current (Pulsed)
ISM
40
A
Maximum power dissipation
PD
20
W
Channel temperature
Tch
– 55 to +150
°C
Storage temperature
Tstg
– 55 to +150
°C
Mass
—
0.32
g
Typical value



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com