Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS10ASJ-06F Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # FS10ASJ-06F
Description  High-Speed Switching Use Nch Power MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS10ASJ-06F Datasheet(HTML) 6 Page - Renesas Technology Corp

  FS10ASJ-06F_15 Datasheet HTML 1Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 2Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 3Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 4Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 5Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 6Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 7Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 8Page - Renesas Technology Corp FS10ASJ-06F_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FS10ASJ-06F
REJ03G0241-0200 Rev.2.00 Dec 19, 2008
Page 4 of 6
0
8
16
24
32
40
02468
10
100
10
10
1
24
7
2
35
2
4
35 7
100
101
2
3
4
5
7
102
2
3
4
5
7
Tc = 25°C
VDS = 10V
Pulse Test
Tc = 25°C
VDS = 5V
Pulse Test
75°C
125°C
Transfer Characteristics (Typical)
Gate-Source Voltage VGS (V)
Forward Transfer Admittance vs.
Drain Current (Typical)
Drain Current ID (A)
102
103
2
3
5
7
3
5
7
2
3
100 22
1
57 10
10
2
3
57
3
10–1 25 7
3
Ciss
Coss
Crss
101
2
3
4
5
7
102
2
2
3
4
5
7
10–1
10
10
0
24
7
1
35
2
4
35 7
0
2
4
6
8
10
048
12
16
20
0
8
16
24
32
40
0
0.4
0.8
1.2
1.6
2.0
Tch = 25°C, VDD = 30V
VGS = 10V, RGEN = RGS = 50
Ω
Tch = 25°C
f = 1MHz
VGS = 0V
td(off)
td(on)
tr
tf
VDS = 10V
20V
40V
Tch = 25°C
ID = 10A
VGS = 0V
Pulse Test
Tc = 125°C
75°C
25°C
Switching Characteristics (Typical)
Drain-Source Voltage VDS (V)
Capacitance vs.
Drain-Source Voltage (Typical)
Drain Current ID (A)
Gate-Source Voltage vs.
Gate Charge (Typical)
Gate Charge Qg (nC)
Source-Drain Diode Forward
Characteristics (Typical)
Source-Drain Voltage VSD (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com