Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1933 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1933 Datasheet HTML 9Page - Linear Technology LT1933 Datasheet HTML 10Page - Linear Technology LT1933 Datasheet HTML 11Page - Linear Technology LT1933 Datasheet HTML 12Page - Linear Technology LT1933 Datasheet HTML 13Page - Linear Technology LT1933 Datasheet HTML 14Page - Linear Technology LT1933 Datasheet HTML 15Page - Linear Technology LT1933 Datasheet HTML 16Page - Linear Technology LT1933 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1933
13
1933fe
APPLICATIONS INFORMATION
Shorted and Reversed Input Protection
If the inductor is chosen so that it won’t saturate exces-
sively, an LT1933 buck regulator will tolerate a shorted
output. There is another situation to consider in systems
where the output will be held high when the input to the
LT1933 is absent. This may occur in battery charging ap-
plications or in battery backup systems where a battery
or some other supply is diode OR-ed with the LT1933’s
output. If the VIN pin is allowed to float and the SHDN pin
is held high (either by a logic signal or because it is tied
to VIN), then the LT1933’s internal circuitry will pull its
quiescent current through its SW pin. This is fine if your
system can tolerate a few mA in this state. If you ground
the SHDN pin, the SW pin current will drop to essentially
zero. However, if the VIN pin is grounded while the output
is held high, then parasitic diodes inside the LT1933 can
pull large currents from the output through the SW pin
and the VIN pin. Figure 5 shows a circuit that will run only
when the input voltage is present and that protects against
a shorted or reversed input.
Hot Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LT1933 circuits. However, these capaci-
tors can cause problems if the LT1933 is plugged into a
live supply (see Linear Technology Application Note 88 for
a complete discussion). The low loss ceramic capacitor
combined with stray inductance in series with the power
source forms an under damped tank circuit, and the voltage
at the VIN pin of the LT1933 can ring to twice the nominal
input voltage, possibly exceeding the LT1933’s rating and
damaging the part. If the input supply is poorly controlled
or the user will be plugging the LT1933 into an energized
supply, the input network should be designed to prevent
this overshoot.
Figure 5. Diode D4 Prevents a Shorted Input from Discharging a Backup
Battery Tied to the Output; It Also Protects the Circuit from a Reversed
Input. The LT1933 Rns Only When the Input is Present
VIN
BOOST
GND
FB
SHDN
SW
D4
VIN
LT1933
1933 F05
VOUT
BACKUP
D4: MBR0540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com