Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1933 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 1 Page - Linear Technology

  LT1933 Datasheet HTML 1Page - Linear Technology LT1933 Datasheet HTML 2Page - Linear Technology LT1933 Datasheet HTML 3Page - Linear Technology LT1933 Datasheet HTML 4Page - Linear Technology LT1933 Datasheet HTML 5Page - Linear Technology LT1933 Datasheet HTML 6Page - Linear Technology LT1933 Datasheet HTML 7Page - Linear Technology LT1933 Datasheet HTML 8Page - Linear Technology LT1933 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1933
1
1933fe
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
600mA, 500kHz Step-Down
Switching Regulator in
SOT-23 and DFN Packages
The LT®1933 is a current mode PWM step-down DC/DC
converter with an internal 0.75A power switch, packaged
in a tiny 6-lead SOT-23. The wide input range of 3.6V
to 36V makes the LT1933 suitable for regulating power
from a wide variety of sources, including unregulated wall
transformers, 24V industrial supplies and automotive
batteries. Its high operating frequency allows the use of
tiny, low cost inductors and ceramic capacitors, resulting
in low, predictable output ripple.
Cycle-by-cycle current limit provides protection against
shorted outputs, and soft-start eliminates input current
surge during start up. The low current (<2μA) shutdown
provides output disconnect, enabling easy power manage-
ment in battery-powered systems.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
3.3V Step-Down Converter
n Wide Input Range: 3.6V to 36V
n 5V at 600mA from 16V to 36V Input
n 3.3V at 600mA from 12V to 36V Input
n 5V at 500mA from 6.3V to 36V Input
n 3.3V at 500mA from 4.5V to 36V Input
n Fixed Frequency 500kHz Operation
n Uses Tiny Capacitors and Inductors
n Soft-Start
n Internally Compensated
n Low Shutdown Current: <2μA
n Output Adjustable Down to 1.25V
n Low Profile (1mm) SOT-23 (ThinSOT™) and
(2mm
× 3mm × 0.75mm) 6-Pin DFN Packages
n Automotive Battery Regulation
n Industrial Control Supplies
n Wall Transformer Regulation
n Distributed Supply Regulation
n Battery-Powered Equipment
Efficiency
VIN
4.5V TO 36V
OFF ON
0.1μF
22μH
1N4148
MBRM140
10k
16.5k
22μF
1933 TA01a
2.2μF
VOUT
3.3V/500mA
VIN
BOOST
GND
FB
SHDN
SW
LT1933
LOAD CURRENT (mA)
0
90
95
300
400
1933 TA01b
85
80
100
200
600
500
75
70
65
VIN = 12V
VOUT = 5V
VOUT = 3.3V


Similar Part No. - LT1933

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
600mA, 500kHz Step-Down Switching Regulator in SOT-23
LT1933 LINER-LT1933 Datasheet
350Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching
LT1933ES6 LINER-LT1933ES6 Datasheet
629Kb / 16P
600mA, 500kHz Step-Down Switching Regulator in SOT-23
LT1933ES6 LINER-LT1933ES6 Datasheet
365Kb / 20P
600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1933ES6-PBF LINER-LT1933ES6-PBF Datasheet
365Kb / 20P
600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
More results

Similar Description - LT1933

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
600mA, 500kHz Step-Down Switching Regulator in SOT-23
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
4.5A, 500kHz Step-Down Switching Regulator
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1933 LINER-LT1933_1 Datasheet
365Kb / 20P
600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
logo
New Japan Radio
NJW1616 NJRC-NJW1616 Datasheet
407Kb / 21P
600mA, 500kHz, Step-Down Switching Regulator in SOT-23
NJW1933 NJRC-NJW1933 Datasheet
412Kb / 21P
600mA, 500kHz, Step-Down Switching Regulator in SOT-23
logo
Will Semiconductor Ltd.
WD1012EA-5-TR WILLSEMI-WD1012EA-5-TR Datasheet
229Kb / 9P
1.5MHz, 600mA Synchronous Step-Down Regulator in SOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com