Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1933 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 4 Page - Linear Technology

  LT1933 Datasheet HTML 1Page - Linear Technology LT1933 Datasheet HTML 2Page - Linear Technology LT1933 Datasheet HTML 3Page - Linear Technology LT1933 Datasheet HTML 4Page - Linear Technology LT1933 Datasheet HTML 5Page - Linear Technology LT1933 Datasheet HTML 6Page - Linear Technology LT1933 Datasheet HTML 7Page - Linear Technology LT1933 Datasheet HTML 8Page - Linear Technology LT1933 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1933
4
1933fe
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency, VOUT = 5V
Efficiency, VOUT = 3.3V
Switch Current Limit
Maximum Load Current
Maximum Load Current
Switch Voltage Drop
Feedback Voltage
Undervoltage Lockout
Switching Frequency
LOAD CURRENT (mA)
0
80
90
100
300
400
1933 G01
70
100
200
600
500
60
VIN = 24V
VIN = 12V
TA = 25°C
VOUT = 5V
D1 = MBRM140
L1 = Toko D53LCB 33μH
LOAD CURRENT (mA)
0
80
90
100
300
400
1933 G02
70
100
200
600
500
60
VIN = 24V
VIN = 12V
VIN = 5V
TA = 25°C
VOUT = 3.3V
D1 = MBRM140
L1 = Toko D53LCB 22μH
DUTY CYCLE (%)
0
600
800
1200
1000
80
1933 G03
400
200
0
20
40
60
100
MINIMUM
TYPICAL
TA = 25°C
INPUT VOLTAGE (V)
0
600
700
20
1933 G04
500
400
5
10
15
30
25
800
L = 22μH
L = 33μH
TA = 25°C
VOUT = 5V
INPUT VOLTAGE (V)
0
600
700
20
1933 G05
500
400
5
10
15
30
25
800
L = 22μH
L = 15μH
TA = 25°C
VOUT = 3.3V
SWITCH CURRENT (A)
0
0
100
200
300
400
600
500
0.2
0.4
1933 G06
0.6
0.1
0.3
0.5
TA = 85°C
TA = 25°C
TA = –40°C
TEMPERATURE (°C)
1.260
1.255
1.250
1.240
1.230
1.245
1.235
1933 G07
–50 –25
0
25
50
75
100
150
125
TEMPERATURE (°C)
3.8
3.6
3.4
3.2
3.0
1933 G08
–50 –25
0
25
50
75
100
150
125
TEMPERATURE (°C)
600
550
500
450
400
1933 G09
–50 –25
0
25
50
75
100
150
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com