Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3208 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3208
Description  Microstepping motor drive with STM8A and STM8S microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3208 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3208 Datasheet HTML 5Page - STMicroelectronics AN3208 Datasheet HTML 6Page - STMicroelectronics AN3208 Datasheet HTML 7Page - STMicroelectronics AN3208 Datasheet HTML 8Page - STMicroelectronics AN3208 Datasheet HTML 9Page - STMicroelectronics AN3208 Datasheet HTML 10Page - STMicroelectronics AN3208 Datasheet HTML 11Page - STMicroelectronics AN3208 Datasheet HTML 12Page - STMicroelectronics AN3208 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AN3208
Driving stepper motors using STM8A and STM8S microcontrollers
Doc ID 17411 Rev 1
9/19
4
Driving stepper motors using STM8A and
STM8S microcontrollers
This application solution makes use of a PWM current control technique. The stepper motor
is driven directly by PWMs, I/O pins and a 74HC/HCT244 buffer/driver (so the position of the
motor can be controlled with precision without any feedback mechanism) of an an STM8A or
STM8S microcontroller. Two ends of each motor winding are connected to one PWM and
one I/O line. TIM1 (16-bit advanced control timer) peripheral on the STM8A or STM8S
allows two independent PWM signals to be generated. The PWM signals have the same
frequency and are controlled by the counter clock period and the capture/compare register
values (TIM1_CCRxH and TIM1_CCRxL). For detailed information about TIM1, refer to the
STM8A and STM8S device datasheets. Figure 7 shows the functional block diagram of a
stepper motor, STM8A PWM and I/O signals, and an 74HC244 buffer.
Figure 7.
Functional block diagram
The stepper motor used in the current solution is the M-S motor X25.689 from Switec (see
Figure 8 and Figure 9). The main features are:
●
1/3 ° resolution per step
●
Low current consumption
●
High speed (greater than 600 °/s)
●
Can be driven directly by a microcontroller
The M-S motor has two types of movement:
●
Rotor movement
●
Pointer shaft movement
This motor is therefore a bipolar motor. It has four different wires which operate the motor in
both clockwise and anti-clockwise directions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com