Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3208 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3208
Description  Microstepping motor drive with STM8A and STM8S microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3208 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3208 Datasheet HTML 11Page - STMicroelectronics AN3208 Datasheet HTML 12Page - STMicroelectronics AN3208 Datasheet HTML 13Page - STMicroelectronics AN3208 Datasheet HTML 14Page - STMicroelectronics AN3208 Datasheet HTML 15Page - STMicroelectronics AN3208 Datasheet HTML 16Page - STMicroelectronics AN3208 Datasheet HTML 17Page - STMicroelectronics AN3208 Datasheet HTML 18Page - STMicroelectronics AN3208 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Software
AN3208
16/19
Doc ID 17411 Rev 1
STM8 configurations
●
f_Master = 16 MHz (HSIDIV[1:0] = 000)
●
TIM1_counter_clock = 8 MHz (TIM1_PSCR = 1)
●
PWMx frequency = 60 kHz (TIM1_ARR = 0x85)
Equation 1
Example
To obtain PWM_duty_cycle_coil1 = 87 %:
TIM1_CCR1 = (0.87) x (0x85 + 1) = 0x74
The maximum step rate/speed possible for the M-S motor is 600 full steps/s or 7200
microsteps/s or 7200 Hz. So, the duration between two consecutive microstep output
interrupts should be
≥ 139 µs. The 74x244 buffer/driver current limitation should also be
considered to determine the maximum speed with which the stepper motor can be driven.
In this application the step rate is set to 830 µs. This means that the next microstep is output
after 50 PWM interrupts because the PWM frequency is 60 kHz (16.6 µs). This choice of
step rate is guaranteed without incurring any problems over the minimum limit of 300 µs.
When an overflow interrupt on TIM1 occurs (@ 60 kHz or 16.6 µs), the TIM1 interrupt
routine is executed.
The flow chart of the TIM1 interrupt is shown in Figure 13.
After resetting the overflow flag, the PWM_Count is incremented by 1. When this variable
reaches a value of 50, the PWM_Count is reinitialized to 0, and according to Motor_dir
information, the needle of the stepper motor moves forwards or backwards (Motor_dir = 0 or
Motor_dir = 1 respectively).
If the stepper needle moves in forwards, the microstepping number (Microstep_No) is
incremented by 1 (up to 24).
In this application the pointer shaft of the stepper motors moves the stepper needle from 0
to 320 °. Taking into account that after 24 microsteps the pointer shaft has moved by 2°, a
complete movement of 320 ° (the Rotation_No variable which represents the number of
rotations) has to reach 160 (160 rotations multiplied by 2 °).
After one complete movement, No_rotation is set to 0, while Motor_dir is set to 1. From this
point on, the needle moves backwards and, the Microstep_No decreased from 23 to 0.
TIM1_CCRx
PWMx_duty_cycle_coil_x
()
TIM1_ARR+1
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com