Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3208 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3208
Description  Microstepping motor drive with STM8A and STM8S microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3208 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3208 Datasheet HTML 8Page - STMicroelectronics AN3208 Datasheet HTML 9Page - STMicroelectronics AN3208 Datasheet HTML 10Page - STMicroelectronics AN3208 Datasheet HTML 11Page - STMicroelectronics AN3208 Datasheet HTML 12Page - STMicroelectronics AN3208 Datasheet HTML 13Page - STMicroelectronics AN3208 Datasheet HTML 14Page - STMicroelectronics AN3208 Datasheet HTML 15Page - STMicroelectronics AN3208 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Driving stepper motors using STM8A and STM8S microcontrollers
AN3208
12/19
Doc ID 17411 Rev 1
A negative sign shows the current flow in the reverse direction. The current flowing through
each motor coil is controlled using one PWM output (PWMx) and one I/O port (configured in
output push-pull mode) as shown in Figure 11. PWM channels are configured to provide the
required waveform in synchronization with the GPIOs.
Figure 11.
Stepper motor configuration pin
When the I/O output is 0, the current through a coil flows in one direction and when the I/O
output is 1, the current flows in the reverse direction.
Step-by-step explanation of Table 1:
●
Step 1: Coil 1 and coil 2 have the same magnitude (0.87, duty cycle 87 %) and in both
coils the current flows in the same direction, I/O value for both coils is 0.
●
Step 2: The magnitude of coil 1 is 0.71 (duty cycle 71 %) and the magnitude of coil 2 is
0.97 (duty cycle 97%). The currents in both coils flow in the same direction, I/O value
for both coils is 0.
.
.
●
Step 6: The magnitude of coil 1 is 0.71 (duty cycle 71 %) and the magnitude of coil 2 is
-0.26 (duty cycle 26 %). The currents in the two coils flow in the opposite direction. I/O
value for coil 1 is 0, I/O value for coil 2 is 1.
For more details about duty cycle calculation see Section 5.2: Software description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com