Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3322 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 18Page - STMicroelectronics AN3322 Datasheet HTML 19Page - STMicroelectronics AN3322 Datasheet HTML 20Page - STMicroelectronics AN3322 Datasheet HTML 21Page - STMicroelectronics AN3322 Datasheet HTML 22Page - STMicroelectronics AN3322 Datasheet HTML 23Page - STMicroelectronics AN3322 Datasheet HTML 24Page - STMicroelectronics AN3322 Datasheet HTML 25Page - STMicroelectronics AN3322 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Computational issues and compensation algorithms
AN3322
22/38
DocID18304 Rev 1
2
Computational issues and compensation algorithms
This section deals with issues that can influence measurements and computation and were
not mentioned in Section 1.4: Error sources on the STM32 meter. The topics covered in this
section deal with coherent sampling, precise frequency measurement, proper zero crossing
detection and phase shift correction. The correct approach used when dealing with this topic
leads to the precision improvement and makes it possible to keep precision in the required
range.
Coherent sampling is the sampling of the periodical signal where the number of the samples
per period of the signal is still the same. The sampling time of the first sample is still in the
same time position in relation to the phase of the sampled signal. The timing of the following
samples is still the same and constant. In this case, 44 samples per period of the mains
(50 Hz, period 20 ms) are always kept.
Non-coherent sampling is, on the contrary, the sampling of the periodical signal where the
number of the sample per period of the signal is not the integer number. The sampling does
not need to start in the same position in relation to the phase of the sampled signal. The
timing of the subsequent samples can vary. For example, 44.76 samples per period of
mains are acquired. It means that the sample rate is a bit higher than required in the case of
coherent sampling.
2.1
Non-coherent sampling issues
If non-coherent sampling is present (it means no integer number of samples per period of
mains is taken), it is possible to observe an additional disrupting signal in the graph of
computed instant power from such sampled current and voltage. The additional disrupting
signal consists of two frequencies: a high frequency FH and a low frequency FL.
Figure 11. Instant power(1)
1. Y-axis: voltage, X-axis: cycles of mains/100 (50 Hz).
When using the non-coherent sampling, the measured period of the signal is not completely
covered and every period and this coverage differs from period to period. The amount of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com