Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3322 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 19Page - STMicroelectronics AN3322 Datasheet HTML 20Page - STMicroelectronics AN3322 Datasheet HTML 21Page - STMicroelectronics AN3322 Datasheet HTML 22Page - STMicroelectronics AN3322 Datasheet HTML 23Page - STMicroelectronics AN3322 Datasheet HTML 24Page - STMicroelectronics AN3322 Datasheet HTML 25Page - STMicroelectronics AN3322 Datasheet HTML 26Page - STMicroelectronics AN3322 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
DocID18304 Rev 1
23/38
AN3322
Computational issues and compensation algorithms
power computed from these samples is not the same for every period of mains. This causes
the parasitic signal with the frequency FH. After some time (Tx) the coverage of the period is
the same as it was at the beginning (in relation to the phase of the measured signal). This
time Tx is the period of the frequency FH.
Figure 12. Parasitic frequency FH in detail(1)
1. Y-axis: voltage, X-axis: cycles of 50 Hz.
In this example, the sampling of 44 samples per period is synchronized with a frequency of
49.93785 Hz. During every period of the mains, the last sample is displaced by time
Tdiff_sample.
Equation 24
Tdiff_sample = 1/50Hz - 1/49.93785Hz = 0.00002489 s
In every cycle of the mains, all the samples are shifted by Tdiff_sample. They again pass their
initial position in the time Tshift.
Equation 25
Tshift = (1/ 50 Hz) / Tdiff_sample = 803.5 cycles (of 50 Hz)
Since the computed instant active power is a function with double the frequency of the input
voltage and current (negative instant voltage and negative instant current again give instant
positive power), the Tshift should be divided by two:
Equation 26
1/FH = (803.5 / 2) * 0.020 s = 8.035 s
That the specific sample again passes its initial position does not mean that it is exactly in
the same position. This happens after even more cycles of mains. This causes the
fluctuation of the instant power by additional disruption of signal with FL. The period of FL is,
in this example, 17,500 cycles of mains that is equal to 350 s (obtained by a simulation).
The jitter in instant power brings jitter to the accumulated energy value that brings the jitter
to the LED pulse output generation.
In order to obtain correct instant power, during every period of the mains, or over a short
period of time, it is necessary to provide coherent sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com