Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3322 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 24Page - STMicroelectronics AN3322 Datasheet HTML 25Page - STMicroelectronics AN3322 Datasheet HTML 26Page - STMicroelectronics AN3322 Datasheet HTML 27Page - STMicroelectronics AN3322 Datasheet HTML 28Page - STMicroelectronics AN3322 Datasheet HTML 29Page - STMicroelectronics AN3322 Datasheet HTML 30Page - STMicroelectronics AN3322 Datasheet HTML 31Page - STMicroelectronics AN3322 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Computational issues and compensation algorithms
AN3322
28/38
DocID18304 Rev 1
After detection of the zero crossing position i, the finer zero crossing is computed according
to Figure 15, Equation 29 and Equation 30.
Figure 15. Finer calculation of zero crossing
Equation 29
di = bi / (abs. ai + abs. bi)
Equation 30
c + d = 1
where ai is the amplitude of the signal prior to a zero crossing, and bi is the amplitude
of the signal after the zero crossing. The sub index position di computed is in the range from
0 to 1. The difference of the two subsequent zero crossings is di - di+1.
The value Tupdate that can be added or subtracted from the trigger timer reload constant
must be an integer number bigger that one. The difference can be divided into 20 steps by
the rounding of Tupdate = [20 x (di - di+1)]. This leads to a division of the position index of the
zero crossing to 20 sub values.
The trigger timer reload constant is updated by this difference to stabilize the zero crossing
in this finer position. This makes initial locking faster (by factor 20).
As described in Section 2.6, the signal used for zero crossing detection is filtered so that
only fundamental frequency is preset. This avoids errors when computing the zero crossing
position finer that one sample index.
2.5
Frequency measurement
The frequency value is derived from the coherent sampling trigger period. The sampling
trigger period is measured using a precise external low speed oscillator (LSE). From that
value the frequency is computed.
In order to get a higher resolution of the measured frequency value, more values must be
accumulated and averaged. The accumulation of ten values brings the resolution that is
sufficient and can be displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com