Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3397 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3397
Description  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 3Page - STMicroelectronics AN3397 Datasheet HTML 4Page - STMicroelectronics AN3397 Datasheet HTML 5Page - STMicroelectronics AN3397 Datasheet HTML 6Page - STMicroelectronics AN3397 Datasheet HTML 7Page - STMicroelectronics AN3397 Datasheet HTML 8Page - STMicroelectronics AN3397 Datasheet HTML 9Page - STMicroelectronics AN3397 Datasheet HTML 10Page - STMicroelectronics AN3397 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN3397
Temperature sensor overview
Doc ID 018809 Rev 1
7/24
Figure 1.
Temperature sensor engineering tolerance
1.5
Temperature sensor error estimation
Once the temperature sensor has been correctly calibrated with both factory and user
calibration points, the engineering tolerance of the temperature measurement is significantly
improved (see area between the two black lines in Figure 1.
The temperature measurement error is caused by the following:
●
Temperature sensor linearity
●
ADC total unadjusted error (TUE)
●
Calibration related error
Figure 1 shows that the temperature error is minimized in the neighbourhood of the user
calibration point and that it slightly increases with distance from this point.
Temperature error calculation
The temperature measurement error can be calculated as explained below. Note that the
user calibration point needs to be defined before the calculation.
1.
The maximum linearity error is ±2 °C (see STM8L15xxx datasheets).
2.
The ADC TUE is 4 LSB considering VREF = 3 V (see STM8L15xxx datasheets).
To calculate the temperature measurement error linked to the ADC total unadjusted error,
use Equation 1.
A
C
B
I
TS voltage
V90
V50
0
25±0.25
50
85
95
T °C
V90 tolerance
MS30515V1
Error 0°C
Error 25°C
Error 50°C
Error V90
User calibration point
Max slope
Min slope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com