Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3397 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3397
Description  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 8Page - STMicroelectronics AN3397 Datasheet HTML 9Page - STMicroelectronics AN3397 Datasheet HTML 10Page - STMicroelectronics AN3397 Datasheet HTML 11Page - STMicroelectronics AN3397 Datasheet HTML 12Page - STMicroelectronics AN3397 Datasheet HTML 13Page - STMicroelectronics AN3397 Datasheet HTML 14Page - STMicroelectronics AN3397 Datasheet HTML 15Page - STMicroelectronics AN3397 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Temperature sensor application description
AN3397
12/24
Doc ID 018809 Rev 1
2.4.1
Temperature calculation theory
The voltage delivered by the TS is a linear function (linearity error ±2 °C max) of the diode
temperature junction.
To calculate the temperature from the voltage delivered by the TS (VSENSE), Equation 2 or
Equation 3 is used depending on the reference chosen (temperature in K or temperature
in °C):
Equation 2
Equation 3
Where:
●
K is the absolute temperature
●
VSENSE is the measured voltage corresponding to the digital value present in the ADC
data register.
●
Avg_slope (Equation 4) is the average slope of the characteristic (VSENSE vs.
Temperature).
Equation 4
2.4.2
Operating modes
To make V90 appear in the formula, the reference has been transposed, with the origin
defined by T90/V90 has been determined for the temperature characteristic. Consequently,
the temperature formula in Equation 2 and Equation 3 becomes Equation 5.
Equation 5
The TS application may be configured in two operating modes:
●
Normal mode
●
Advanced mode
TK

V
SENSE Avg_slope
=
T°C

V
SENSE Avg_slope
 273.15
–
=
Avg_slope
V
 T

V90
V
SENSE
–
 T90 T
–

==
T°C

V
SENSE Avg-slope(offset = 0)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com