Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3397 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3397
Description  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 9Page - STMicroelectronics AN3397 Datasheet HTML 10Page - STMicroelectronics AN3397 Datasheet HTML 11Page - STMicroelectronics AN3397 Datasheet HTML 12Page - STMicroelectronics AN3397 Datasheet HTML 13Page - STMicroelectronics AN3397 Datasheet HTML 14Page - STMicroelectronics AN3397 Datasheet HTML 15Page - STMicroelectronics AN3397 Datasheet HTML 16Page - STMicroelectronics AN3397 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN3397
Temperature sensor application description
Doc ID 018809 Rev 1
13/24
Normal mode
Normal mode is the default mode configured in the software example. In this mode, the blue
LED (see Figure 2) is switched off.
To activate this mode, comment the following define statement in the main.c file of the TS
application code:
// #define ADVANCED_MODE
In Normal mode, the temperature is processed from default (typical) values of Avg_slope
and sensor reference voltage at 90 °C (V90) which are available in the STM8L15xxx
datasheets.
Avg_slope = 1.62 mV/°C
V90 = 0.597 V
This method has certain advantages. It is straightforward and the measurement is rapidly
obtained as it does not require the calculation of a second calibration point. However, data
which are statically based on the typical characteristics of the TS, may provide less accurate
temperature estimations due to significant variations of the temperature characteristics
during the manufacturing process. If an application needs very accurate measurements, it is
better to use the Advanced operating mode described below.
Advanced mode
To activate advanced mode, uncomment the following define statement in the main.c file of
the TS application code:
#define ADVANCED_MODE
When this mode is selected, the blue LED (see Figure 2) is switched on.
In advanced mode, V90 is obtained precisely by reading the TS factory calibration byte:
TS_Factory_CONV_V90. This byte represents the 8 LSB of the result of the V90 12-bit ADC
conversion (see STM8L15xxx datasheet). The MSB have a fixed value: 0x3.
The advantage of using this result is to get a more precise V90 value which consequently
leads to greater precision when measuring the temperature. To further reduce the error, it is
recommended to define another calibration point at ambient temperature to accurately
define the average slope parameter and the offset. This TS application code (user
calibration point) implements a technique to obtain and store this user calibration (see
Section 2.4.3: Calibration technique) and consequently gives a more precise temperature
slope. The average slope is accurately calculated from the user and factory calibration data
using Equation 4 and replacing VSENSE with VAMBIENT:
Equation 6
Before proceeding to perform the user calibration, the factory calibration data point is tested
for validity when the application is initialized. If the factory calibration data point is present in
the memory @0x4911, it is used for temperature calculation. Otherwise, the user calibration
procedure is bypassed and the application automatically switches back to normal mode.
Advanced method is more difficult to implement and has more constraints but, it gives more
precise results.
Avg_slope
V
 T

V90
V
AMBIENT
 T90 T

==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com