Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3961 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3961
Description  STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3961 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3961 Datasheet HTML 17Page - STMicroelectronics AN3961 Datasheet HTML 18Page - STMicroelectronics AN3961 Datasheet HTML 19Page - STMicroelectronics AN3961 Datasheet HTML 20Page - STMicroelectronics AN3961 Datasheet HTML 21Page - STMicroelectronics AN3961 Datasheet HTML 22Page - STMicroelectronics AN3961 Datasheet HTML 23Page - STMicroelectronics AN3961 Datasheet HTML 24Page - STMicroelectronics AN3961 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DocID022083 Rev 3
21/46
AN3961
Hardware layout and configuration
46
Data required to generate a program are stored in the SPI Flash memory. When the
program starts, data are downloaded from Flash memory and stored in FPGA internal RAM
blocks. Then data is managed in order to generate the high-speed STHV748 digital control
signals.
The SPI Flash also contains the FPGA configuration data (“bit stream”) which are
automatically loaded during startup and after the FPGA reset (SW5) is pressed.
The FPGA is configured by setting jumpers as described in Table 6.
Table 5. Program waveforms main features
Feature
Min.
Typ.
Max.
Waveform number
-
13
-
Time resolution
-
5 ns
-
Duration
40 ns
-
20.48 µs
Cycles number
1
-
255
Infinite cycle
Defined by the program
Table 6. FPGA jumpers
Description
J5
J5 is used to control FPGA I/O pull-ups during configuration. It should be fitted to enable
I/O pull-ups during FPGA configuration.
Default setting: not mounted.
J12
Force FPGA into suspend mode
Allow the STM32 to control FPGA suspend mode
(default setting)
J13
J13 is used to prevent FPGA programming from configuration source.
Fitted: disable FPGA programming.
Unfitted: enable FPGA programming.
(default setting: unfitted)
J35 and
J36
Configure J35 and J36 to set up the outputs idle state as follows:
(default setting: not mounted)
High Z
Clamp / HVR_SW
High Z
Clamp
J37
Configure J37 to connect FPGA outputs to STHV748
(default setting: not mounted)
Fitted: disconnect FPGA outputs (high Z)
Unfitted: connect FPGA outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com