Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3961 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3961
Description  STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3961 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3961 Datasheet HTML 19Page - STMicroelectronics AN3961 Datasheet HTML 20Page - STMicroelectronics AN3961 Datasheet HTML 21Page - STMicroelectronics AN3961 Datasheet HTML 22Page - STMicroelectronics AN3961 Datasheet HTML 23Page - STMicroelectronics AN3961 Datasheet HTML 24Page - STMicroelectronics AN3961 Datasheet HTML 25Page - STMicroelectronics AN3961 Datasheet HTML 26Page - STMicroelectronics AN3961 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
DocID022083 Rev 3
23/46
AN3961
Hardware layout and configuration
46
Figure 10. Acquisition by program “0”
Figure 11. Acquisition by program “1”
Table 9. Program “1”
PW TX0 and TX1 5 pulses - HV0/1=±60 V; load: 300 pF//100
Ω
Mode
Frequency
[MHz]
Number of
pulses
Initial pulse
H-bridge
PRF
Ch A
PW
5
5
Positive
TX0 & TX1
150 µs
Ch B
PW
5
5
Negative
TX0 & TX1
150 µs
Ch C
PW
10
5
Positive
TX0 & TX1
150 µs
CH D
PW
10
5
Negative
TX0 & TX1
150 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com