Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3961 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3961
Description  STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3961 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3961 Datasheet HTML 18Page - STMicroelectronics AN3961 Datasheet HTML 19Page - STMicroelectronics AN3961 Datasheet HTML 20Page - STMicroelectronics AN3961 Datasheet HTML 21Page - STMicroelectronics AN3961 Datasheet HTML 22Page - STMicroelectronics AN3961 Datasheet HTML 23Page - STMicroelectronics AN3961 Datasheet HTML 24Page - STMicroelectronics AN3961 Datasheet HTML 25Page - STMicroelectronics AN3961 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Hardware layout and configuration
AN3961
22/46
DocID022083 Rev 3
The LEDs associated with FPGA operations are described in Table 7.
3.4.1
Stored patterns
The STEVAL-IME003V1 offers the possibility to memorize 16 patterns into on-board Flash
memory in order to show the performance achievable at the pulser outputs. Six selectable
patterns already stored in the Flash memory are preset by default, available and ready to
use. A detailed description of the preset programs is listed in the tables that follow.
Table 7. FPGA LEDs
Color
Name
Description
D2
Green
START
A program is running after START button SW5 has been
pressed.
D3
Green
STOP
The STOP button SW4 has been pressed.
D4
Green
IDLE
The FPGA state machine is in the idle state.
D5
Red
ERROR
An error has occurred during FPGA state machine
execution.
D23
Green
DONE
The FPGA has been successfully configured.
D6-D29
Yellow
PROG 0-15
The corresponding program is selected.
Table 8. Program “0“
PW 5 pulses - HV0/1=±60 V; load: 300 pF//100
Ω
Mode
Frequency
[MHz]
Number of
pulses
Initial pulse
H-bridge
PRF
Ch A
PW
2.5
5
Positive
TX0
150 µs
Ch B
PW
2.5
5
Negative
TX0
150 µs
Ch C
PW
5
5
Positive
TX1
150 µs
CH D
PW
5
5
Negative
TX1
150 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com