Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0059 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM0059
Description  This programming manual describes how to program
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0059 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM0059 Datasheet HTML 9Page - STMicroelectronics PM0059 Datasheet HTML 10Page - STMicroelectronics PM0059 Datasheet HTML 11Page - STMicroelectronics PM0059 Datasheet HTML 12Page - STMicroelectronics PM0059 Datasheet HTML 13Page - STMicroelectronics PM0059 Datasheet HTML 14Page - STMicroelectronics PM0059 Datasheet HTML 15Page - STMicroelectronics PM0059 Datasheet HTML 16Page - STMicroelectronics PM0059 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DocID15687 Rev 5
13/29
PM0059
Flash memory interface
28
Mass Erase
To perform Mass Erase, the following sequence is recommended:
1.
Check that no Flash memory operation is ongoing by checking the BSY bit in the
FLASH_SR register
2.
Set the MER bit in the FLASH_CR register
3.
Set the STRT bit in the FLASH_CR register
4.
Wait for the BSY bit to be cleared
2.5.4
Programming
Standard programming
The Flash memory programming sequence is as follows:
1.
Check that no main Flash memory operation is ongoing by checking the BSY bit in the
FLASH_SR register.
2.
Set the PG bit in the FLASH_CR register
3.
Perform the data write operation(s) to the desired memory address (inside main
memory block or OTP area):
Byte access in case of x8 parallelism
Half-word access in case of x16 parallelism
Word access in case of x32 parallelism
Double word access in case of x64 parallelism
4.
Wait for the BSY bit to be cleared
Note:
Successive write operations are possible without the need of an erase operation when
changing bits from ‘1’ to ‘0’.
Writing ‘1’ requires a Flash memory erase operation.
If an erase and a program operation are requested simultaneously, the erase operation is
performed first.
Programming errors
It is not allowed to program data to the Flash memory that would cross the 128-bit row
boundary. In such a case, the write operation is not performed and a program alignment
error flag (PGAERR) is set in the FLASH_SR register.
The write access type (byte, half-word, word or double word) must correspond to the type of
parallelism chosen (x8, x16, x32 or x64). If not, the write operation is not performed and a
program parallelism error flag (PGPERR) is set in the FLASH_SR register.
If the standard programming sequence is not respected (for example, if there is an attempt
to write to a Flash memory address when the PG bit is not set), the operation is aborted and
a program sequence error flag (PGSERR) is set in the FLASH_SR register.
Programming and caches
If a Flash memory write access concerns some data in the data cache, the Flash write
access modifies the data in the Flash memory and the data in the cache.
If an erase operation in Flash memory also concerns data in the data or instruction cache,
you have to make sure that these data are rewritten before they are accessed during code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com