Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0059 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM0059
Description  This programming manual describes how to program
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0059 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM0059 Datasheet HTML 21Page - STMicroelectronics PM0059 Datasheet HTML 22Page - STMicroelectronics PM0059 Datasheet HTML 23Page - STMicroelectronics PM0059 Datasheet HTML 24Page - STMicroelectronics PM0059 Datasheet HTML 25Page - STMicroelectronics PM0059 Datasheet HTML 26Page - STMicroelectronics PM0059 Datasheet HTML 27Page - STMicroelectronics PM0059 Datasheet HTML 28Page - STMicroelectronics PM0059 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
DocID15687 Rev 5
27/29
PM0059
Revision history
28
3
Revision history
Table 11. Document revision history
Date
Revision
Changes
24-Jun-2010
1
Updated memory organization in Section 2.3: Flash memory, and
replace user-specific block by OTP area.
Updated addresses in Table 6: Option byte organization.
Definition of BOR_LEV[3:2] bits updated in Table 7: Description of
the option bytes
and Section 2.8.6: Flash option control register
(FLASH_OPTCR)
. Modified FLASH_OPTCR reset value in
Section 2.8.6: Flash option control register (FLASH_OPTCR)
and
Table 10: Flash register map and reset values
. Updated
OPTLOCK
definition.
Updated definition of ERRIE bit in Section 2.8.5: Flash control
register (FLASH_CR)
.
09-Dec-2010
2
Updated size of OTP area, and option byte base address and size
in
Table 2: Flash module organization
.
Changed 1.62 to 2.1 V range to 1.8 to 2.1 V, added Note 1 as well
as
wait states 4 to 7 in TTable 3: Number of wait states according to
CPU clock (HCLK) frequency
.
Updated Table 4: Program/erase parallelism.
Updated BOR_LEVEL description in Table 7: Description of the
option bytes
.
Renamed FLASH_FOCR, FLASH_OPTCR in Section 2.6.2:
Programming user option bytes
.
Updated Level 1 and Level 2 descriptions in Section 2.6.3: Read
protection (RDP).
Updated LATENCY bits in Section 2.8.1: Flash access control
register (FLASH_ACR)
to support up to 7 wait states.
Changed access type to bits 0 to 7 to rc-1, and OPERR
description
in Section 2.8.4: Flash status register (FLASH_SR).
Changed access type to bits 16 and 31 to rs in Section 2.8.5:
Flash control register (FLASH_CR)
.
Changed access type to bits 0 and 1 to rs, and added note related
to
bit 7 to 5 in Section 2.8.6: Flash option control register
(FLASH_OPTCR)
.
30-Mar-2011
3
Updated OTP area in Section 2.3: Flash memory.
Updated Section 2.5: Erase and program operations to mention
the
fact that read operations cannot be performed during write/erase
operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com