Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0059 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM0059
Description  This programming manual describes how to program
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0059 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM0059 Datasheet HTML 21Page - STMicroelectronics PM0059 Datasheet HTML 22Page - STMicroelectronics PM0059 Datasheet HTML 23Page - STMicroelectronics PM0059 Datasheet HTML 24Page - STMicroelectronics PM0059 Datasheet HTML 25Page - STMicroelectronics PM0059 Datasheet HTML 26Page - STMicroelectronics PM0059 Datasheet HTML 27Page - STMicroelectronics PM0059 Datasheet HTML 28Page - STMicroelectronics PM0059 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Revision history
PM0059
28/29
DocID15687 Rev 5
10-May-2011
4
Modified Note 1 in Table 3: Number of wait states according to
CPU clock (HCLK) frequency
and Note 1 in Table 3: Number of
wait states according to CPU clock (HCLK) frequency
.
07-Jun-2013
5
Updated Section 2.4.1: Relation between CPU clock frequency
and Flash memory read time
to add prefetch disabling when the
supply voltage is below 2.1 V.
Added note in Section : Standard programming
Updated Section 2.5.2: Program/erase parallelism.
Added Table 5: Flash interrupt requests.
Updated Section 2.6.3: Read protection (RDP).
Updated Section 2.6.4: Write protections.
Modified BOR_LEV bits definition in Section 2.8.6: Flash option
control register (FLASH_OPTCR)
.
Document converted to new template and disclaimer updated.
Table 11. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com