Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0064 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM0064
Description  How to program the STM8T141 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0064 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM0064 Datasheet HTML 5Page - STMicroelectronics PM0064 Datasheet HTML 6Page - STMicroelectronics PM0064 Datasheet HTML 7Page - STMicroelectronics PM0064 Datasheet HTML 8Page - STMicroelectronics PM0064 Datasheet HTML 9Page - STMicroelectronics PM0064 Datasheet HTML 10Page - STMicroelectronics PM0064 Datasheet HTML 11Page - STMicroelectronics PM0064 Datasheet HTML 12Page - STMicroelectronics PM0064 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Programming sequence
PM0064
10/13
Doc ID 16274 Rev 3
3.4
Option verify (directly after option programming)
The STM8T141 has been successfully programmed if both the following reads return the
correct option values.
1.
Option read (State_20) reads the options that were programmed. See Table 7: Option
verify (State_20).
2.
Option read (State_22) reads the options at a different level - as a double check. See
Table 8: Option verify (State_22).
Note:
The ‘Low’ level of Steps 4 and 5 during programming are not absolutely mandatory. They
could be ‘High’ if it is easier for the electronic command; provided they have the correct level
for the next state transition.
Table 7.
Option verify (State_20)
Step
Action
Explanation
1.
CX - 3 double clock
Clock IC until it is in State_19 (with CS still low).
2.
CS = HIGH
CS = 1 required for transition from State_19 to State_20.
3.
CX - 1 double clock
Clock IC into State_20.
4.
CX - 1 double clock
The IC place option_0 value on OUT.
5.
Read option on OUT
Option value is now available on OUT pin.
6.
Repeat Steps 4 and 5 for
all 16 options.
Each option's value is clocked out - one after another.
Table 8.
Option verify (State_22)
Step
Action
Explanation
1.
CS = LOW
CS = 0 required for transition from State_20 to State_22.
2.
CX - 1 double clock
Clock IC into State_22.
3.
CS = HIGH
CS = 1 required to remain in State_22 while reading options.
4.
CX - 1 double clock
The IC place option_0 value on OUT.
5.
Read option on OUT
Option value is now available on OUT pin.
6.
Repeat Steps 4 and 5 for
all options.
Each option's value is clocked out - one after another.
7.
IC power OFF
VDD = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com