Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0064 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PM0064
Description  How to program the STM8T141 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0064 Datasheet(HTML) 4 Page - STMicroelectronics

  PM0064 Datasheet HTML 1Page - STMicroelectronics PM0064 Datasheet HTML 2Page - STMicroelectronics PM0064 Datasheet HTML 3Page - STMicroelectronics PM0064 Datasheet HTML 4Page - STMicroelectronics PM0064 Datasheet HTML 5Page - STMicroelectronics PM0064 Datasheet HTML 6Page - STMicroelectronics PM0064 Datasheet HTML 7Page - STMicroelectronics PM0064 Datasheet HTML 8Page - STMicroelectronics PM0064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Hardware interface
PM0064
4/13
Doc ID 16274 Rev 3
2.3
Voltage levels for communication
The following table gives the voltage specifications. It is recommended to use the typical
values when designing a programming tool.
Caution:
All I/Os must have the same voltage level as VREG.
During option programming, the supply voltage of the STM8T141 is raised to 6.7 V. It is
recommended to make sure that the I/Os of the programmer can operate at 6.7 V.
CS: Same voltage level as VREG
CX: Same voltage level as VREG
OUT: Same voltage level as VDD
The CS and CX pins have ESD protection diodes connected to VREG, therefore voltage
levels higher than VREG should not be used on CS and CX.
A level shifter that follows the VREG voltage of the STM8T141 should be used to
communicate with the STM8T141 at the correct voltages,
The only time that a voltage higher than VREG may be used on CS and CX is during option
programming when VREG is tied to VDD.
Note:
1
For in-circuit programming: make sure that no external components will influence the
voltage swing of the CS, CX and OUT pins.
2
For in-circuit programming: an external voltage regulator on the product may clip the VDD
voltage at its regulation voltage and prevent VDD from reaching the required option
programming voltage of 6.7 V. Large capacitors on VDD or VREG can increase the time
needed for the programmer to reach 6.7 V - sometimes the option programming instruction
might be given before the required voltage has been reached. Adjust all timing delays
accordingly.
3
The user documentation of the programming tool must contain the maximum load current
permitted to drive the application without disturbing the programming signals.
Table 1.
Voltages for reading or programming
VDD pin
Min
Typ
Max
Units
Programming mode entry
2.9
5.0
5.5
V
Option byte programming
6.6
6.7
6.8
Option byte reading
2.9
5.0
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com