Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0064 Datasheet(PDF) 3 Page - STMicroelectronics

Part # PM0064
Description  How to program the STM8T141 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0064 Datasheet(HTML) 3 Page - STMicroelectronics

  PM0064 Datasheet HTML 1Page - STMicroelectronics PM0064 Datasheet HTML 2Page - STMicroelectronics PM0064 Datasheet HTML 3Page - STMicroelectronics PM0064 Datasheet HTML 4Page - STMicroelectronics PM0064 Datasheet HTML 5Page - STMicroelectronics PM0064 Datasheet HTML 6Page - STMicroelectronics PM0064 Datasheet HTML 7Page - STMicroelectronics PM0064 Datasheet HTML 8Page - STMicroelectronics PM0064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PM0064
Hardware interface
Doc ID 16274 Rev 3
3/13
2
Hardware interface
This section provides information on the hardware interface used to program the OTP
options. For detailed information on other aspects of the device please refer to the
STM8T141 datasheet.
2.1
External components
The STM8T141 has an internal voltage regulator that needs an external capacitor on the
VREG pin to function correctly. For a cleaner external supply a 1µF capacitor and a ceramic
100 pF capacitor between VREG & VSS is also recommended. It is recommended to place
a 1 µF capacitor between VDD and VSS.
Note:
The VREG capacitors should be placed as close as possible to the VREG & VSS pins of the
STM8T141.
Figure 1.
External components and communication lines
2.2
Communication lines
The following lines are used for programming the device:
CS: programming mode entry CLK and programming state SELECT
CX: programming mode CLK
POUT: programming mode DATA (bi-directional, i.e. input and output)
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com