Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0075 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM0075
Description  STM32F10xxx Flash memory microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0075 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM0075 Datasheet HTML 8Page - STMicroelectronics PM0075 Datasheet HTML 9Page - STMicroelectronics PM0075 Datasheet HTML 10Page - STMicroelectronics PM0075 Datasheet HTML 11Page - STMicroelectronics PM0075 Datasheet HTML 12Page - STMicroelectronics PM0075 Datasheet HTML 13Page - STMicroelectronics PM0075 Datasheet HTML 14Page - STMicroelectronics PM0075 Datasheet HTML 15Page - STMicroelectronics PM0075 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Reading/programming the embedded Flash memory
PM0075
12/31
Doc ID 17863 Rev 2
In case of non-availability of a high frequency clock in the system, Flash memory accesses
can be made on a half cycle of HCLK (AHB clock), the frequency of HCLK permitting (half-
cycle access can only be used with a low-frequency clock of less than 8 MHz that can be
obtained with the use of HSI or HSE but not of PLL). This mode can be chosen by setting a
control bit in the Flash access control register.
Note:
Half-cycle access cannot be used when there is a prescaler different from 1 on the AHB
clock.
Access time tuner
In order to maintain the control signals to read the Flash memory, the ratio of the prefetch
controller clock period to the access time of the Flash memory has to be programmed in the
Flash access control register. This value gives the number of cycles needed to maintain the
control signals of the Flash memory and correctly read the required data. After reset, the
value is zero and only one cycle is required to access the Flash memory.
2.2.2
D-Code interface
The D-Code interface consists of a simple AHB interface on the CPU side and a request
generator to the Arbiter of the Flash access controller. D-code accesses have priority over
prefetch accesses. This interface uses the Access Time Tuner block of the prefetch buffer.
2.2.3
Flash access controller
Mainly, this block is a simple arbiter between the read requests of the prefetch/I-code and D-
Code interfaces.
D-Code interface requests have priority over I-Code requests.
2.3
Flash program and erase controller (FPEC)
The FPEC block handles the program and erase operations of the Flash memory. The
FPEC consists of seven 32-bit registers.
●
FPEC key register (FLASH_KEYR)
●
Option byte key register (FLASH_OPTKEYR)
●
Flash control register (FLASH_CR)
●
Flash status register (FLASH_SR)
●
Flash address register (FLASH_AR)
●
Option byte register (FLASH_OBR)
●
Write protection register (FLASH_WRPR)
An ongoing Flash memory operation will not block the CPU as long as the CPU does not
access the Flash memory.
2.3.1
Key values
The key values are as follows:
●
RDPRT key = 0x00A5
●
KEY1 = 0x45670123
●
KEY2 = 0xCDEF89AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com