Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0075 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM0075
Description  STM32F10xxx Flash memory microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0075 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM0075 Datasheet HTML 23Page - STMicroelectronics PM0075 Datasheet HTML 24Page - STMicroelectronics PM0075 Datasheet HTML 25Page - STMicroelectronics PM0075 Datasheet HTML 26Page - STMicroelectronics PM0075 Datasheet HTML 27Page - STMicroelectronics PM0075 Datasheet HTML 28Page - STMicroelectronics PM0075 Datasheet HTML 29Page - STMicroelectronics PM0075 Datasheet HTML 30Page - STMicroelectronics PM0075 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Register descriptions
PM0075
28/31
Doc ID 17863 Rev 2
3.8
Write protection register (FLASH_WRPR)
Address offset: 0x20
Reset value: 0xFFFF FFFF
Bit 1 RDPRT: Read protection
When set, this indicates that the Flash memory is read-protected.
Note: This bit is read-only.
Bit 0 OPTERR: Option byte error
When set, this indicates that the loaded option byte and its complement do not match. The
corresponding byte and its complement are read as 0xFF in the FLASH_OBR or
FLASH_WRPR register.
Note: This bit is read-only.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
WRP[31:16]
rr
rr
rr
r
r
rr
rr
rr
r
r
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WRP[15:0]
rr
rr
rr
r
r
rr
rr
rr
r
r
Bits 31:0 WRP: Write protect
This register contains the write-protection option bytes loaded by the OBL.
0: Write protection active
1: Write protection not active
Note: These bits are read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com