Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0075 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM0075
Description  STM32F10xxx Flash memory microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0075 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM0075 Datasheet HTML 17Page - STMicroelectronics PM0075 Datasheet HTML 18Page - STMicroelectronics PM0075 Datasheet HTML 19Page - STMicroelectronics PM0075 Datasheet HTML 20Page - STMicroelectronics PM0075 Datasheet HTML 21Page - STMicroelectronics PM0075 Datasheet HTML 22Page - STMicroelectronics PM0075 Datasheet HTML 23Page - STMicroelectronics PM0075 Datasheet HTML 24Page - STMicroelectronics PM0075 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
PM0075
Reading/programming the embedded Flash memory
Doc ID 17863 Rev 2
21/31
0x1FFF F80C
WRPx: Flash memory write protection option bytes
Bits [31:24]: nWRP3
Bits [23:16]: WRP3 (stored in FLASH_WRPR[31:24])
Bits [15:8]: nWRP2
Bits [7:0]: WRP2 (stored in FLASH_WRPR[23:16])
For low-density devices, one bit of the user option bytes WRPx is used to
protect 4 pages of 1 Kbyte in main memory block.
0: Write protection active
1: Write protection not active
In total, one user option byte is used to protect the 32-Kbyte main Flash memory.
WRP0: Write-protects pages 0 to 31
For medium-density devices, one bit of the user option bytes WRPx is used to
protect 4 pages of 1 Kbyte in main memory block.
0: Write protection active
1: Write protection not active
In total, four user option bytes are used to protect the 128-Kbyte main Flash
memory.
WRP0: Write-protects pages 0 to 31
WRP1: Write-protects pages 32 to 63
WRP2: Write-protects pages 64 to 95
WRP3: Write-protects pages 96 to 127
For high-density devices, one bit of the user option bytes WRPx is used to
protect 2 pages of 2 Kbytes in main memory block. However, the bit 7 of
WRP3 write protects pages 62 to 255.
0: Write protection active
1: Write protection not active
In total, four user option bytes are used to protect the 512-Kbyte main Flash
memory.
WRP0: Write-protects pages 0 to 15.
WRP1: Write-protects pages 16 to 31.
WRP2: Write-protects pages 32 to 47.
WRP3: bits 0-6 write-protect pages 48 to 61
bit 7 write-protects pages 62 to 255.
For connectivity line devices, one bit of the user option bytes WRPx is used to
protect 2 pages of 2 Kbytes in main memory block. However, the bit 7 of
WRP3 write-protects pages 62 to 127.
0: Write protection active
1: Write protection not active
In total, four user option bytes are used to protect the 256-Kbyte main Flash
memory.
WRP0: Write-protects pages 0 to 15.
WRP1: Write-protects pages 16 to 31.
WRP2: Write-protects pages 32 to 47.
WRP3: bits 0-6 write-protect pages 48 to 61
bit 7 write-protects pages 62 to 127.
Table 9.
Description of the option bytes (continued)
Flash memory
address
Option bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com