Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2602 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2602
Description  Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology LTC2602 Datasheet HTML 12Page - Linear Technology LTC2602 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC2602/LTC2612/LTC2622
2602fa
PIN FUNCTIONS
CS/LD (Pin 1): Serial Interface Chip Select/Load Input.
When CS/LD is low, SCK is enabled for shifting data on SDI
into the register. When CS/LD is taken high, SCK is dis-
abled and the specified command (see Table 1) is ex-
ecuted.
SCK (Pin 2): Serial Interface Clock Input. CMOS and TTL
compatible.
SDI (Pin 3): Serial Interface Data Input. Data is applied to
SDI for transfer to the device at the rising edge of SCK. The
BLOCK DIAGRA
LTC2602/LTC2612/LTC2622 accept input word lengths
of either 24 or 32 bits.
REF (Pin 4): Reference Voltage Input. 0V
≤ VREF ≤ VCC.
VOUT B and VOUT A (Pins 5 and 8): DAC Analog Voltage
Outputs. The output range is 0 – VREF.
VCC (Pin 6): Supply Voltage Input. 2.5V ≤ VCC ≤ 5.5V.
GND (Pin 7): Analog Ground.
VOUT A
REF
CS/LD
SCK
VOUT B
GND
VCC
SDI
2602 BD
8
1
2
4
3
5
7
6
DAC A
DAC B
DECODE
CONTROL
LOGIC
24-BIT SHIFT REGISTER
Figure 1
TI I G DIAGRA
SDI
CS/LD
SCK
2602 F01
t2
t10
t5
t7
t6
t1
t3
t4
12
3
23
24
C3
C2
C1
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com