Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2602 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2602
Description  Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 2 Page - Linear Technology

  LTC2602 Datasheet HTML 1Page - Linear Technology LTC2602 Datasheet HTML 2Page - Linear Technology LTC2602 Datasheet HTML 3Page - Linear Technology LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC2602/LTC2612/LTC2622
2602fa
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART NUMBER
PACKAGE/ORDER I FOR ATIO
(Note 1)
Any Pin to GND ........................................... – 0.3V to 6V
Any Pin to VCC ........................................................ –6V to 0.3V
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range
LTC2602C/LTC2612C/LTC2622C .......... 0
°C to 70°C
LTC2602I/LTC2612I/LTC2622I .......... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
MS8 PART MARKING
ELECTRICAL C
C
HARA TERISTICS
LTC2602CMS8
LTC2602IMS8
LTC2612CMS8
LTC2612IMS8
LTC2622CMS8
LTC2622IMS8
LTACX
LTACY
LTACZ
LTADA
LTADB
LTADC
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
LTC2622
LTC2612
LTC2602
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC Performance
Resolution
●
12
14
16
Bits
Monotonicity
VCC = 5V, VREF = 4.096V (Note 2) ●
12
14
16
Bits
DNL
Differential Nonlinearity
VCC = 5V, VREF = 4.096V (Note 2) ●
±0.5
±1
±1LSB
INL
Integral Nonlinearity
VCC = 5V, VREF = 4.096V (Note 2) ●
±0.75 ±4
±3
±16
±12 ±64
LSB
Load Regulation
VREF = VCC = 5V, Midscale
IOUT = 0mA to 15mA Sourcing
●
0.025 0.125
0.1
0.5
0.4
2
LSB/mA
IOUT = 0mA to 15mA Sinking
●
0.05 0.125
0.2
0.5
0.65
2
LSB/mA
VREF = VCC = 2.5V, Midscale
IOUT = 0mA to 7.5mA Sourcing
●
0.05
0.25
0.2
1
0.9
4
LSB/mA
IOUT = 0mA to 7.5mA Sinking
●
0.1
0.25
0.4
1
1.3
4
LSB/mA
ZSE
Zero-Scale Error
VCC = 5V, VREF = 4.096V Code = 0 ●
19
19
19
mV
VOS
Offset Error
VCC = 5V, VREF = 4.096V (Note 7) ●
±1
±9
±1
±9
±1
±9mV
VOS Temperature
±5
±5
±5
µV/°C
Coefficient
GE
Gain Error
VCC = 5V, VREF = 4.096V
●
±0.1 ±0.7
±0.1 ±0.7
±0.1 ±0.7
%FSR
Gain Temperature
±3
±3
±3
ppm/
°C
Coefficient
TJMAX = 125°C, θJA = 300°C/W
1
2
3
4
CS/LD
SCK
SDI
REF
8
7
6
5
VOUT A
GND
VCC
VOUT B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com