Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2602 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2602
Description  Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 4 Page - Linear Technology

  LTC2602 Datasheet HTML 1Page - Linear Technology LTC2602 Datasheet HTML 2Page - Linear Technology LTC2602 Datasheet HTML 3Page - Linear Technology LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC2602/LTC2612/LTC2622
2602fa
TYPICAL PERFOR A CE CHARACTERISTICS
(LTC2602)
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
INL vs Temperature
CODE
0
16384
32768
49152
65535
2602 G20
32
24
16
8
0
–8
–16
–24
–32
VCC = 5V
VREF = 4.096V
CODE
0
16384
32768
49152
65535
2602 G21
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
TEMPERATURE (
°C)
–50
–30
–10
10
30
50
70
90
2602 G22
32
24
16
8
0
–8
–16
–24
–32
VCC = 5V
VREF = 4.096V
INL (POS)
INL (NEG)
TI I G CHARACTERISTICS The ● denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (See Figure 1) (Note 6)
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Linearity and monotonicity are defined from code kL to code
2N – 1, where N is the resolution and kL is given by kL = 0.016(2N/VREF),
rounded to the nearest whole code. For VREF = 4.096V and N = 16, kL =
256 and linearity is defined from code 256 to code 65,535.
Note 3: Digital inputs at 0V or VCC.
Note 4: DC crosstalk is measured with VCC = 5V and VREF = 4.096V, with
the measured DAC at midscale, unless otherwise noted.
Note 5: RL = 2kΩ to GND or VCC at the output of the DAC not being tested.
Note 6: Guaranteed by design and not production tested.
Note 7: Inferred from measurement at code 256 (LTC2602), code 64
(LTC2612) or code 16 (LTC2622), and at fullscale.
Note 8: VCC = 5V, VREF = 4.096V. DAC is stepped 1/4 scale to 3/4 scale
and 3/4 scate to 1/4 scale. Load is 2k in parallel with 200pF to GND.
Note 9: VCC = 5V, VREF = 4.096V. DAC is stepped ±LBS between half scale
and half scale –1. Load is 2k in parallel with 200pF to GND.
LTC2602/LTC2612/LTC2622
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.5V to 5.5V
t1
SDI Valid to SCK Setup
●
4ns
t2
SDI Valid to SCK Hold
●
4ns
t3
SCK High Time
●
9ns
t4
SCK Low Time
●
9ns
t5
CS/LD Pulse Width
●
10
ns
t6
LSB SCK High to CS/LD High
●
7ns
t7
CS/LD Low to SCK High
●
7ns
t10
CS/LD High to SCK Positive Edge
●
7ns
SCK Frequency
50% Duty Cycle
●
50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com