Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0116 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0116
Description  STR7 family Flash programming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0116 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0116 Datasheet HTML 9Page - STMicroelectronics UM0116 Datasheet HTML 10Page - STMicroelectronics UM0116 Datasheet HTML 11Page - STMicroelectronics UM0116 Datasheet HTML 12Page - STMicroelectronics UM0116 Datasheet HTML 13Page - STMicroelectronics UM0116 Datasheet HTML 14Page - STMicroelectronics UM0116 Datasheet HTML 15Page - STMicroelectronics UM0116 Datasheet HTML 16Page - STMicroelectronics UM0116 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
UM0116
Read/program the STR7 embedded Flash
13/27
Bit 15
PWD: Power Down Mode (Read/Write).
When the microcontroller is put in a specific low power mode (see note below),
the Flash module can be put into two different low power modes.
0: Normal Mode (default), Flash Stand-by mode is selected (immediate read
from Flash is possible, but some residual power consumption is present).
1: The Flash module enters Power-Down mode. (recovery time of 20µs needed
before reading, but lower power consumption)
Note:
In the STR71x family the PWD bit acts only in STOP and LPWFI
modes. Whereas in the STR73x it acts only in LPWFI mode. For
further details, refer to the specific STR7 microcontroller reference
manual and datasheet, Power section.
Bit 14:5
Reserved, must be kept at reset value (0).
Bit 4
LOCK: Flash Register Access Locked (Read Only).
When this bit is set, it means that the access to all the Flash control registers is
locked: any read access to the registers will output invalid data (0xE6000010)
and any write access will be ineffective. Please note that the “1” of the invalid
data is located exactly in the position of the LOCK bit: therefore it is the only bit
the user can always access to detect the status of the Flash registers. The
LOCK bit is automatically set when the Flash bit WMS is set.
Once it is found low, the rest of FLASH_CR0 and all the other Flash registers
are user accessible.
Bit 3
Reserved, must be kept at reset value (0).
Bit 2:1
BSY[1:0]: Bank 1:0 Busy (Read Only).
These bits indicate that a write operation is ongoing in the corresponding bank.
They are automatically set when bit WMS is set. A Set Protection operation
sets bit BSY0. When these bits are set any read access to the corresponding
bank will output invalid data, while any write access to the bank will be ignored.
At the end of the write operation or during a Program or Erase Suspend these
bits are automatically reset and the bank returns to read mode. After a Program
or Erase Resume these bits are automatically set again. All BSY[1:0] bits
remain high for a maximum of 20
µs after Power-Up and when exiting Power-
Down mode, meaning that the Flash banks are not yet ready to be accessed.
Bit 0
Reserved, must be kept at reset value (0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com