Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0116 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0116
Description  STR7 family Flash programming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0116 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0116 Datasheet HTML 19Page - STMicroelectronics UM0116 Datasheet HTML 20Page - STMicroelectronics UM0116 Datasheet HTML 21Page - STMicroelectronics UM0116 Datasheet HTML 22Page - STMicroelectronics UM0116 Datasheet HTML 23Page - STMicroelectronics UM0116 Datasheet HTML 24Page - STMicroelectronics UM0116 Datasheet HTML 25Page - STMicroelectronics UM0116 Datasheet HTML 26Page - STMicroelectronics UM0116 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
UM0116
Flash memory protection
23/27
3.4.3
Flash NV access protection register 1 (FLASH_NVAPR1)
Address offset: 0x10 DFBC
Delivery value: 0xFFFF FFFF
The FLASH_NVAPR1 register is organized as 16 pairs of bits (PENx - PDSx). The delivery
value of The FLASH_NVAPR1 register is 0xFFFFFFFF. The first time you disable the
DEBUG/READOUT protection you must program to PDS0 ‘0’. To re-enable the protection
you must program to bit PEN0 ‘0’: this is possible only if PDS0 has been already
programmed to ‘0’. This cycle of disabling/re-enabling the protection can be repeated with
the next PDS1/PEN1 pair of bits and so on. PDS1 can be programmed to ‘0’ only if PEN0
has been already programmed to ‘0’, PEN1 can be programmed to ‘0’ if and only if PDS1
has been already programmed to ‘0’. The programming to ‘0’ of the bits of the
FLASH_NVAPR1 register must therefore follow the PDS0-PEN0-PDS1-PEN1-PDS2-PEN2-
...-PEN15 sequence, obtaining up to 16 unprotection/protection cycles.
Note:
At any reset event the non-volatile part of FLASH_NVAPR1 register is copied into its volatile
part. Unlike with the FLASH_NVAPR0 and FLASH_NVWPAR register, any write will always
update both the volatile and the non-volatile parts: i.e. no temporary unprotection is possible
with FLASH_NVAPR1 register.
Note:
All the STR73x Flash protection registers (FLASH_NVWPAR, FLASH_NVAPR0 and
FLASH_NVAPR1) are write only in User boot modes and Read/Write when booting from
SystemMemory mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
PEN[15:0]
rw
15
14
13
12
11
10
9
8
7
65432
1
0
PDS[15:0]
rw
Bit 31:16
PEN15-0: Protection Enable 15-0.
If bit PENx is programmed at 0 and bit PDSx+1 is erased to 1, the action of
bit DEBUG is enabled again. Bit PENx can be programmed to 0 only if bit
PDSx has been already programmed to 0.
Bit 15:0
PDS15-0: Protection Disable 15-0.
If bit PDSx is programmed at 0 and bit PENx is erased to 1, the action of bit
DEBUG is disabled (i.e. DEBUG/READOUT protection is no longer in place).
Bit PDS0 can be programmed at 0 only if bit DEBUG is already programmed
at 0. Bit PDSx can be programmed to 0 only if bit PENx-1 has already been
programmed to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com