Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0116 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0116
Description  STR7 family Flash programming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0116 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0116 Datasheet HTML 17Page - STMicroelectronics UM0116 Datasheet HTML 18Page - STMicroelectronics UM0116 Datasheet HTML 19Page - STMicroelectronics UM0116 Datasheet HTML 20Page - STMicroelectronics UM0116 Datasheet HTML 21Page - STMicroelectronics UM0116 Datasheet HTML 22Page - STMicroelectronics UM0116 Datasheet HTML 23Page - STMicroelectronics UM0116 Datasheet HTML 24Page - STMicroelectronics UM0116 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
UM0116
Flash memory protection
21/27
Protection up to a maximum of 16 times. PENn can be programmed to 0 only if PDSn has
been already programmed to 0. PDSn can be programmed to 0 only if PDSn-1/PENn-1 have
been already programmed to 0.
Note:
You can not permanently unprotect a write protected sector.
3.4
Register description
3.4.1
Flash non volatile write protection register (FLASH_NVWPAR)
Address offset: 0x10 DFB0h
Delivery value: 0xFFFF FFFF
1) Not available in STR73x.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
W1P[1:0]1)
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
W0P[7:0]
rw
Bit 31:18
Reserved, must be kept at reset value (1).
Bit 17-16
W1P1-0: Write Protection Bank 1 sectors 1-0.
These bits, if programmed to 0, disable any writes to the sectors of bank 1.
The sectors corresponding to bits set to ‘0’ are Write protected.
Bit 15:8
Reserved, must be kept at reset value (1).
Bit 7:0
W0P(7:0): Write Protection Bank 0 sectors 7-0.
These bits, if programmed to 0, disable any writes to the respective sectors of
bank 0. The sectors corresponding to bits set to ‘0’ are Write protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com