Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0224 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 18Page - STMicroelectronics UM0224 Datasheet HTML 19Page - STMicroelectronics UM0224 Datasheet HTML 20Page - STMicroelectronics UM0224 Datasheet HTML 21Page - STMicroelectronics UM0224 Datasheet HTML 22Page - STMicroelectronics UM0224 Datasheet HTML 23Page - STMicroelectronics UM0224 Datasheet HTML 24Page - STMicroelectronics UM0224 Datasheet HTML 25Page - STMicroelectronics UM0224 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Running the demonstrations
STR75x demonstration software
22/34
Note:
If the Promotion speech wave is not loaded in the reserved SMI memory, the following
message is displayed on the LCD screen:
OSIRIS
The following message is displayed on the LCD:
You can re-play a wave only by returning to the precedent sub-menu (Wave Player). The
following message is displayed on the LCD:
If "SEL" pressed, The following message is displayed on the LCD:
To stop playing press "SEL" or wait until the end of the wave and the MCU will stop it
automatically.
In this sub-menu, we can view the wave properties. The following message is displayed on
the LCD:
The OSIRIS wave file properties are:
●
Playing time: 1min 04 sec
●
File size: 1426686 Bytes
●
Format Tag: PCM
●
Channels: MONO
●
Sample Rate: 22050 Hz
●
Bits per sample: 8 Bits
No Loaded Wave
Press UP/DOWN
OSIRIS
Wave Player
Play
OSIRIS
Stop
OSIRIS
Properties
OSIRIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com