Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0224 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 26Page - STMicroelectronics UM0224 Datasheet HTML 27Page - STMicroelectronics UM0224 Datasheet HTML 28Page - STMicroelectronics UM0224 Datasheet HTML 29Page - STMicroelectronics UM0224 Datasheet HTML 30Page - STMicroelectronics UM0224 Datasheet HTML 31Page - STMicroelectronics UM0224 Datasheet HTML 32Page - STMicroelectronics UM0224 Datasheet HTML 33Page - STMicroelectronics UM0224 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Running the demonstrations
STR75x demonstration software
30/34
2.4.8
Screen saver
The STR750 Watchdog Timer module (WDG) can be used to reset the system or used as a
timer base to generate an interrupt after a selected time delay depending on the system
clock. In this demonstration software the WDG is used as timer with its End of Count
interrupt, that sets a screen saver display when the WDG timer reaches a specified time
delay without resetting the system. If any of the push-buttons are pressed during this delay
which is 30 seconds, the screen saver is displayed on LCD. Since one push-button is
pressed, the last sub-menu is re-displayed on LCD.
When the demonstrations enter in screen save mode, the date and time are displayed on
the LCD as shown in the figure below. The time and date are continuously updated:
Using the WDG functions, we can enable or disable the screen saver for each
demonstration sub-menu.
2.4.9
About menu
This menu shows the version of the STR75x Demo software. When this sub-menu is
selected the following message is displayed on the LCD screen:
MM/DD/YY
HH:MM:SS
STR75x Demo
Version 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com