Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0224 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 24Page - STMicroelectronics UM0224 Datasheet HTML 25Page - STMicroelectronics UM0224 Datasheet HTML 26Page - STMicroelectronics UM0224 Datasheet HTML 27Page - STMicroelectronics UM0224 Datasheet HTML 28Page - STMicroelectronics UM0224 Datasheet HTML 29Page - STMicroelectronics UM0224 Datasheet HTML 30Page - STMicroelectronics UM0224 Datasheet HTML 31Page - STMicroelectronics UM0224 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Running the demonstrations
STR75x demonstration software
28/34
Press "SEL" when the test is passed else press "LEFT".
●
OSC32K Test: Test if Oscillator 32K is ready or not.
Press "SEL" to display whether the current test is passed or failed.
●
OSC4M Test: Test if Oscillator 4M is ready or not.
Press "SEL" to display whether the current test is passed or failed.
●
SMI Flash Test: Test Access to SMI flash.
Press "SEL" to display whether the current test is passed or failed.
●
UART0 UART1 Test: Testing a transmission and reception between UART0 and
UART1. For this test you have to connect a null-modem female/female RS232 cable
between the two DB9 connectors on the evaluation board (CN4-CN8).
Once the test is finished, a message is displayed indicating whether the UART test is
passed or failed.
The following message is displayed on the LCD:
●
UART1 UART2 Test: Testing a transmission and reception between UART1 and
UART2. For this test you have to connect a null-modem female/female RS232 cable
between the two DB9 connectors on the evaluation board (CN8-CN10).
Once the test is finished, a message is displayed indicating whether the UART test is
passed or failed.
Press ^SEL^
OSC32K Test
Press ^SEL^
OSC4M Test
Press ^SEL^
SMI Flash Test
Press ^SEL^
UART0 UART1 Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com