Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0277 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 9Page - STMicroelectronics UM0277 Datasheet HTML 10Page - STMicroelectronics UM0277 Datasheet HTML 11Page - STMicroelectronics UM0277 Datasheet HTML 12Page - STMicroelectronics UM0277 Datasheet HTML 13Page - STMicroelectronics UM0277 Datasheet HTML 14Page - STMicroelectronics UM0277 Datasheet HTML 15Page - STMicroelectronics UM0277 Datasheet HTML 16Page - STMicroelectronics UM0277 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
UM0277
Getting started
13/32
3.4
Getting started
Warning:
The Kit is not electrically isolated from the AC input. The MCU
is directly linked to the mains voltage. No insulation is
ensured between the accessible parts and the high voltage.
The STEVAL-IHT001V1 Kit must be used with care and only
by persons qualified for working with electricity at mains
voltage levels. All measurement equipment must be isolated
from the mains before powering the board.
When using an oscilloscope with the Kit, it is safer to isolate
it from the AC line. This prevents a shock from occurring as a
result of touching any SINGLE point in the circuit, but does
NOT prevent shocks when touching TWO or MORE points in
the circuit.
To operate the STEVA-LIHT001V1 board correctly, use the following procedure:
Connect the NTC thermistor to the “NTC” connector on the thermostat board.
Connect the DOOR switch (if you use an external door switch) to the “Door” connector
on the thermostat board
Push the board “Door” switch to the “Close” position in order to allow “temperature
selection” push-button operation
Connect the loads on the thermostat board:
Compressor to “MOTOR” connector
Defrost resistor to “DEFROST” connector
Light bulb to “LIGHT” connector
In case of control with a computer (using the GUI), please go to Section 2.3.3:
Capacitive power supply).
Apply the mains wire to the “MAINS” connector. Plug this wire to the mains voltage.
After a few seconds:
The “ON/OFF” green LED must light ON
The “medium” red LED must light ON
The compressor switches ON if the sensed temperature is above the temperature
order (should be the case if the NTC thermistor is at ambient temperature).
The Light Bulb is switched ON if the DOOR switch is on “open” position.
Troubleshooting:
If no LED is ON: replace the fuse.
If LEDs seem OK, unplug the board from the mains. Discharge the VDD supply
with a short-circuit between VDD and GND. Plug back the board to the mains.
Note:
The temperature order can be changed using the BP1 push button on the thermostat board.
Each time the BP1 push button is pressed, the red LEDs light on alternatively.
Note:
If the “Door” Switch is in “Open” position or if the fridge door is opened, the temperature
order cannot be changed from the thermostat board (only by using the GUI software).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com