Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0277 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 24Page - STMicroelectronics UM0277 Datasheet HTML 25Page - STMicroelectronics UM0277 Datasheet HTML 26Page - STMicroelectronics UM0277 Datasheet HTML 27Page - STMicroelectronics UM0277 Datasheet HTML 28Page - STMicroelectronics UM0277 Datasheet HTML 29Page - STMicroelectronics UM0277 Datasheet HTML 30Page - STMicroelectronics UM0277 Datasheet HTML 31Page - STMicroelectronics UM0277 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Procedure to apply IEC 61000-4-4 bursts test
UM0277
28/32
Appendix E
Procedure to apply IEC 61000-4-4 bursts test
To perform fast transient voltage tests in compliance with EN61000-4-4 specifications on
thermostat boards connected to a compressor, a 15W light bulb and a 25W defrost resistor,
we have implemented the arrangements shown in Figure 18. These arrangements ensure
very stressful tests, but still comply with EN61000-4-4 specifications. These main
arrangements are:
●
Thermostat Board, loads and mains wires are placed 10 cm above the ground
reference.
●
The mains wire is shorter than 1m.
●
The compressor protective earth is linked to the PE of the board through a 30cm cable.
Figure 18.
EN61000-4-4 test layout
Each operating cycle has been tested (all loads OFF, lamp ON, Motor ON, lamp + motor
ON). The burst withstanding level is in the range from 2.3kV to more than 4.5kV (maximum
capability of our generator) depending on the coupling mode (to L, N, PE, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com