Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0277 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 17Page - STMicroelectronics UM0277 Datasheet HTML 18Page - STMicroelectronics UM0277 Datasheet HTML 19Page - STMicroelectronics UM0277 Datasheet HTML 20Page - STMicroelectronics UM0277 Datasheet HTML 21Page - STMicroelectronics UM0277 Datasheet HTML 22Page - STMicroelectronics UM0277 Datasheet HTML 23Page - STMicroelectronics UM0277 Datasheet HTML 24Page - STMicroelectronics UM0277 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
UM0277
Thermal sensor linearization
21/32
Appendix A
Thermal sensor linearization
An NTC thermistor is a thermal resistor whose value decreases when its temperature
increases. The thermal law is exponential, as presented in Equation 1.
Equation 1
To achieve a simple voltage sensor, it is better to linearize the temperature response using a
constant resistor (R12) added in series with the NTC. A voltage divider is then achieved.
The voltage across R12 will follow the supply voltage (Vdd) according to the relationship
below:
Equation 2
To make the relationship of Equation 2 to vary linearly, it's enough to ensure that the second
order derivative will be zero. Equation 3 gives the R12 value to ensure this condition.
Equation 3
To linearize the voltage response of a M2020 5 k NTC thermistor from EPCOS, between -20
and +5 °C, a 30 kOhm resistor should be chosen for R12.
In this temperature range, Vs varies according to Equation 4, for a 5 V supply:
Equation 4
Figure 14 gives the variation of Vs and the linear value given by Equation 4 (Vl), versus the
temperature sensed by the NTC thermistor.
Rc T
() Ro
B
1
T
---
1
To
-------
⎝⎠
⎛⎞
=
Vs
Rc T
()
Rc T
() R12
+
----------------------------------
Vdd
=
R12
2
d
dT
-------Rc T
()
⎝⎠
⎛⎞
2
d
2
dT
2
----------Rc T
()
-----------------------------------------
Rc T
()
=
Vl T
()
T
51.84
+
16.1943
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com