Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0463 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 19Page - STMicroelectronics UM0463 Datasheet HTML 20Page - STMicroelectronics UM0463 Datasheet HTML 21Page - STMicroelectronics UM0463 Datasheet HTML 22Page - STMicroelectronics UM0463 Datasheet HTML 23Page - STMicroelectronics UM0463 Datasheet HTML 24Page - STMicroelectronics UM0463 Datasheet HTML 25Page - STMicroelectronics UM0463 Datasheet HTML 26Page - STMicroelectronics UM0463 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
UM0463
USB control functions for nondata transfer
23/30
5
USB control functions for nondata transfer
The user application should be aware of a few other USB functions. Same as the data
transfer function, these functions are part of the USB library.
5.1
Library initialization
To use the library certain initializations need to be done. If the USB support is needed in the
application, then the application has to initialize the USB by calling the Init_USB function
and the descriptor table pointer by the descriptor table address. The Init_USB() function
initializes the USB state machine and the configuration state. This function also enables the
Reset interrupt of the USB along with suspend and End of suspend interrupts. After calling
this function, the library will be able to receive the reset from USB.
5.2
Device reset
When the device receives a reset request from the USB, the library initializes the endpoint 0
to acknowledge the SETUP token from host. It then calls the callback function
USER_USB_Reset(). In this function, the user code should reset and initialize the
application on both software and hardware. This function is part of the interrupt routine. The
restriction of an interrupt routine is applied.
5.3
Start of frame
If the start of frame interrupt is enabled, the callback function USER_USB_SOF() is called
every time a start of frame (SOF) token arrives. In this function, the user code can perform
some timing related operations. This function is part of the interrupt routine. The restriction
of an interrupt routine is applied.
Two functions are provided to enable and disable the interrupt of arrival of SOF:
void Enable_SOF(void);
void Disable_SOF(void);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com