Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0463 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 21Page - STMicroelectronics UM0463 Datasheet HTML 22Page - STMicroelectronics UM0463 Datasheet HTML 23Page - STMicroelectronics UM0463 Datasheet HTML 24Page - STMicroelectronics UM0463 Datasheet HTML 25Page - STMicroelectronics UM0463 Datasheet HTML 26Page - STMicroelectronics UM0463 Datasheet HTML 27Page - STMicroelectronics UM0463 Datasheet HTML 28Page - STMicroelectronics UM0463 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
UM0463
The library package and its configuration
25/30
7
The library package and its configuration
7.1
The contents of the package
The library is provided as a software package. All the source code files are included.
Table 8 lists all the files in the package.
Table 8.
Code structure
File name
Comments
User
changeable
Config\Metrowerks\map_7265.h
Config\Metrowerks\map_7scr.h
Definition of hardware registers specific for each
microcontroller. Use corresponding file while using
Metrowerks compiler
No
Config\Metrowerks\map_7265.c
Config\Metrowerks\map_7scr.c
Reserve the memory space for hardware registers.
No
Config\Cosmic\IO7265.h
Config\Cosmic\IO7scr.h
Definition of hardware registers specific for each
microcontroller. Use corresponding file while using Cosmic
compiler.
No
Config\Cosmic\Vect_7265.c
Config\Cosmic\Vect_7scr.c
Vector table files specific for each microcontroller.
No
Sources\main.c
Contain the main routine of the sample project.
Yes
Sources\mcu_conf.h
Contain the configuration information for configuring the library
Yes
Sources\USB\usb_lib.c
Code of control endpoint state machine.
No
Sources\USB\usb_int.c
Code to receive the USB interrupts.
No
Sources\USB\usb_ep1-5.c
Code related to the endpoint 1 to 5.
No
Sources\USB\usb_lib.h
Sources\USB\usb_def.h
Sources\USB\usb_reg.h
Sources\USB\Vec_dec.h
Definitions of USB functions, structures, constants and
macros that are used by the library.
These three header files will be included in the user code files.
Vec_dec contains declarations of vector functions
No
Sources\user\user_usb.c
Sources\user\descriptor.c
Sources\user\application.c
Sources\user\user_usb.h
Sources\user\descriptor.h
Sources\user\appli.h
Sources\user Int_7265.c
User Files. User need to write/integrate his/her code in/with
these files.
Yes
Sources\HID\hidlayer.c
Sources\HID\hidlayer.h
Files of a sample project.
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com