Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0463 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 22Page - STMicroelectronics UM0463 Datasheet HTML 23Page - STMicroelectronics UM0463 Datasheet HTML 24Page - STMicroelectronics UM0463 Datasheet HTML 25Page - STMicroelectronics UM0463 Datasheet HTML 26Page - STMicroelectronics UM0463 Datasheet HTML 27Page - STMicroelectronics UM0463 Datasheet HTML 28Page - STMicroelectronics UM0463 Datasheet HTML 29Page - STMicroelectronics UM0463 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Comments about the sample project
UM0463
28/30
8
Comments about the sample project
The sample project is built on the ST72651 product. The project demonstrates how to use
the library in an application.
The polling model is selected to run the control endpoint state machine.
The project implements a USB HID (Human Interface Device) class to establish the
communication of the board with the PC. HID requests such as Get Report descriptor, Get
Report and Set Report, Get Idle and Set Idle, Get Feature and Set Feature are implemented
on EP0 and these requests have the same meaning as requests in HID specification [2.]
with the same name. All these requests are implemented in HIDLayer.c and .h file.
The application replies Get Descriptor (Report descriptor) request with the content in the
array Report_Descriptor[].
The implementation of Get Descriptor, Get Idle, Get Output and Get Feature requests
shows how to send data through a control endpoint upon the request and the
implementation of Set Idle, Set Output and Set Feature requests shows how to receive data
from the control endpoint.
The sample project also shows how to send and receive data on a noncontrol endpoint in
file "application.c". In this sample, the data transfer on the EP2_IN and EP2_OUT is
demonstrated. Please use the USB Demonstration GUI for the evaluation which is freely
available on the internet.
The application also supports Loop Back feature. One macro, LOOP_BACK in appli.h is
used to enable/disable this feature. If it is enabled, then sent data to the hardware will be
received back from the hardware in the application mode. If it is disabled, then sent data will
not be received back automatically by the GUI.
When USB Demonstration GUI is used and LOOP_BACK is not enabled, then pressing the
LED button on the GUI allows the LED to glow on the hardware board present on PD0,
otherwise pressing the LED button on the GUI status allows the button to glow on the GUI
itself. A similar functionality can be tested for the scroll bar on the GUI.
9
References
1.
"Universal Serial Bus Specification", Revision 1.1, 23 September 1998
2.
"Device Class Definition for Human Interface Devices (HID)", version 1.0 Draft #4
3.
"Universal Serial Bus Device Class Specification for Device Firmware Upgrade"
(Version 1.1 Aug 5, 2004)
4.
"ST7265 Datasheet" (version 3.0 Sep 10, 2006)
5.
"ST7265 Mass Storage Evaluation Kit"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com