Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1521 Datasheet(HTML) 1 Page - Linear Technology

  LT1521 Datasheet HTML 1Page - Linear Technology LT1521 Datasheet HTML 2Page - Linear Technology LT1521 Datasheet HTML 3Page - Linear Technology LT1521 Datasheet HTML 4Page - Linear Technology LT1521 Datasheet HTML 5Page - Linear Technology LT1521 Datasheet HTML 6Page - Linear Technology LT1521 Datasheet HTML 7Page - Linear Technology LT1521 Datasheet HTML 8Page - Linear Technology LT1521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1521/LT1521-3
LT1521-3.3/LT1521-5
1521335fb
The LT
®1521/LT1521-3/LT1521-3.3/LT1521-5 are low
dropout regulators with micropower quiescent current
and shutdown. These devices are capable of supplying
300mA of output current with a dropout voltage of 0.5V.
Designed for use in battery-powered systems, the low
quiescent current, 12
µA operating and 6µA in
shutdown, makes them an ideal choice. The quiescent
current is well controlled; it does not rise in dropout as it
does with many other low dropout PNP regulators.
Other features of the LT1521/LT1521-3/LT1521-3.3/
LT1521-5 include the ability to operate with very small
output capacitors. They are stable with only 1.5
µF on the
output while most older devices require between 10
µF and
100
µF for stability. Small ceramic capacitors can be used,
enhancing manufacturability. Also, the input may be con-
nected to voltages lower than the output voltage, including
negative voltages, without reverse current flow from out-
put to input. This makes the LT1521 series ideal for backup
power situations where the output is held high and the
input is low or reversed. Under these conditions only 5
µA
will flow from the output pin to ground.
300mA Low Dropout
Regulators with Micropower
Quiescent Current and Shutdown
5V Battery-Powered Supply with Shutdown
Dropout Voltage
s
Dropout Voltage: 0.5V
s
Output Current: 300mA
s
Quiescent Current: 12
µA
s
No Protection Diodes Needed
s
Adjustable Output from 3.8V to 20V
s
Fixed Output Voltages: 3V, 3.3V, 5V
s
Controlled Quiescent Current in Dropout
s
Shutdown IQ = 6µA
s
Reverse Battery Protection
s
No Reverse Current
s
Thermal Limiting
OUTPUT CURRENT (mA)
0
0
0.1
0.2
0.3
0.4
0.6
50
100
150
200
LT1521 • TA02
250
300
0.5
8
5
1
2
3
+
6V
1.5
µF
1
µF
5V
300mA
VSHDN (PIN 5) OUTPUT
<0.25
OFF
>2.80
ON
NC
ON
LT1521-5
GND
IN
SHDN
OUT
SENSE
LT1521 • TA01
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Low Current Regulator
s
Regulator for Battery-Powered Systems
s
Post Regulator for Switching Supplies
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LT1521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
220Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1521 LINER-LT1521 Datasheet
147Kb / 12P
Nanopower Comparator with Reference
logo
Linear Dimensions Semic...
LT1521 LINEAR_DIMENSIONS-LT1521 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521-3 LINER-LT1521-3 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results

Similar Description - LT1521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529 Datasheet
139Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
Micropower Low Dropout Regulators with Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-5 LINER-LT1521-5_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com