Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1521 Datasheet(HTML) 5 Page - Linear Technology

  LT1521 Datasheet HTML 1Page - Linear Technology LT1521 Datasheet HTML 2Page - Linear Technology LT1521 Datasheet HTML 3Page - Linear Technology LT1521 Datasheet HTML 4Page - Linear Technology LT1521 Datasheet HTML 5Page - Linear Technology LT1521 Datasheet HTML 6Page - Linear Technology LT1521 Datasheet HTML 7Page - Linear Technology LT1521 Datasheet HTML 8Page - Linear Technology LT1521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1521/LT1521-3
LT1521-3.3/LT1521-5
1521335fb
TYPICAL PERFORMANCE CHARACTERISTICS
LT1521-3
Quiescent Current
INPUT VOLTAGE (V)
0
50
45
40
35
30
25
20
15
10
5
0
8
LT1521 • TPC08
2
135
79
4
6
10
TJ = 25°C
RL =
∞
VSHDN = OPEN
VSHDN = 0V
INPUT VOLTAGE (V)
0
30
40
50
45
35
25
15
5
8
LT1521 • TPC09
20
10
0
2
135
79
4
6
10
TJ = 25°C
RL =
∞
LT1521-3.3
Quiescent Current
INPUT VOLTAGE (V)
0
50
45
40
35
30
25
20
15
10
5
0
8
LT1521 • TPC11
2
135
79
4
6
10
TJ = 25°C
RL =
∞
VSHDN = OPEN
VSHDN = 0V
LT1521-3
Ground Pin Current
INPUT VOLTAGE (V)
0
1000
900
800
700
600
500
400
300
200
100
0
8
LT1521 • TPC12
2
135
79
4
6
10
TJ = 25°C
*FOR VOUT = 3V
RLOAD = 3k
ILOAD = 1mA*
RLOAD = 300Ω
ILOAD = 10mA*
RLOAD = 120Ω
ILOAD = 25mA*
RLOAD = 60Ω
ILOAD = 50mA*
LT1521
Quiescent Current
LT1521-3
Output Voltage
LT1521-3.3
Output Voltage
LT1521-5
Output Voltage
TEMPERATURE (
°C)
–50
25
LT1521 • TPC04
–25
0
50
3.08
3.06
3.04
3.02
3.00
2.98
2.96
2.94
2.92
75
100
125
TEMPERATURE (
°C)
–50
25
LT1521 • TPC05
–25
0
50
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
75
100
125
IOUT = 1mA
TEMPERATURE (
°C)
–50
25
LT1521 • TPC06
–25
0
50
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
75
100
125
LT1521
Adjust Pin Voltage
TEMPERATURE (
°C)
–50
3.81
25
LT1521 • TPC07
3.75
3.71
–25
0
50
3.69
3.67
3.83
3.79
3.77
3.73
75
100
125
ILOAD = 1mA
LT1521-5
Quiescent Current
INPUT VOLTAGE (V)
0
50
45
40
35
30
25
20
15
10
5
0
8
LT1521 • TPC10
2
135
79
4
6
10
TJ = 25°C
RL =
∞
VSHDN = OPEN
VSHDN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com