Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1521 Datasheet(HTML) 2 Page - Linear Technology

  LT1521 Datasheet HTML 1Page - Linear Technology LT1521 Datasheet HTML 2Page - Linear Technology LT1521 Datasheet HTML 3Page - Linear Technology LT1521 Datasheet HTML 4Page - Linear Technology LT1521 Datasheet HTML 5Page - Linear Technology LT1521 Datasheet HTML 6Page - Linear Technology LT1521 Datasheet HTML 7Page - Linear Technology LT1521 Datasheet HTML 8Page - Linear Technology LT1521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1521/LT1521-3
LT1521-3.3/LT1521-5
1521335fb
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
3
2
1
FRONT VIEW
TAB IS
GND
OUT
GND
IN
ST PACKAGE
3-LEAD PLASTIC SOT-223
TJMAX = 125°C, θJA = 50°C/ W
SEE THE APPLICATIONS INFORMATION SECTION
ORDER PART NUMBER
ORDER PART NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
IN
GND
GND
SHDN
OUT
SENSE/ADJ*
GND
NC
S8 PACKAGE
8-LEAD PLASTIC SO
*PIN 2 = SENSE FOR LT1521-3/LT1521-3.3/LT1521-5
= ADJ FOR LT1521
TJMAX = 125°C, θJA = 70°C/ W
SEE THE APPLICATIONS INFORMATION SECTION
ORDER PART NUMBER
TJMAX = 125°C, θJA = 125°C/ W
1
2
3
4
OUT
SENSE/ADJ*
NC
GND
8
7
6
5
IN
NC
NC
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
*PIN 2 = SENSE FOR LT1521-3/
LT1521-3.3/LT1521-5
PIN 2 = ADJ FOR LT1521
Input Voltage ......................................................
± 20V*
Output Pin Reverse Current .................................. 10mA
Adjust Pin Current ................................................ 10mA
Shutdown Pin Input Voltage (Note 1) .......... 6.5V, – 0.6V
Shutdown Pin Input Current (Note 1) ..................... 5mA
Output Short-Circuit Duration .......................... Indefinite
Storage Temperature Range ................. – 65
°C to 150°C
Operating Junction Temperature Range (Note 2)
Commercial ........................................... 0
°C to 125°C
Industrial ......................................... – 40
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
*For applications requiring input voltage ratings greater than 20V, contact
the factory.
LT1521CMS8
LT1521CMS8-3
LT1521CMS8-3.3
LT1521CMS8-5
LT1521CS8
LT1521CS8-3
LT1521CS8-3.3
LT1521CS8-5
LT1521IS8
LT1521IS8-3
LT1521IS8-3.3
LT1521IS8-5
LT1521CST-3
LT1521CST-3.3
LT1521CST-5
LT1521IST-3
LT1521IST-3.3
LT1521IST-5
S8 PART MARKING
ST PART MARKING
MS8 PART MARKING
1521
15213
152133
15215
LTEZ
LTFB
LTDU
LTFA
1521I
1521I3
1521I33
1521I5
1521I3
1521I33
1521I5
15213
152133
15215
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com