Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70741 Datasheet(PDF) 39 Page - NEC

Part # UPD70741
Description  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70741 Datasheet(HTML) 39 Page - NEC

Back Button UPD70741 Datasheet HTML 35Page - NEC UPD70741 Datasheet HTML 36Page - NEC UPD70741 Datasheet HTML 37Page - NEC UPD70741 Datasheet HTML 38Page - NEC UPD70741 Datasheet HTML 39Page - NEC UPD70741 Datasheet HTML 40Page - NEC UPD70741 Datasheet HTML 41Page - NEC UPD70741 Datasheet HTML 42Page - NEC UPD70741 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
µPD70741
39
CSIM
D
Q
SI
SO
SCLK
1
2
/2
φ
φ
INTCSI
CTXE
CRXE SOT MOD
CLS
Internal bus
SO latch
Shift register (SIO)
Serial clock
control circuit
Baud rate generator
Serial clock
counter
Interrupt
control circuit
8.3 Synchronous Serial Interface (CSI)
8.3.1 Features
High-speed transfer 6.25 Mbps maximum (when
φ/2 is used with φ = 25 MHz)
Half-duplex communication
Character length: 8 bits
Switchable between the MSB and LSB to lead data transfer
Allows selection between external serial clock input and internal serial clock output
Three-wire method
SO
: Serial data output
SI
: Serial data input
SCLK : Serial clock I/O pin
One interrupt source
• Interrupt request signal (INTCSI)
Figure 8-2. Block Diagram of Clock Synchronous Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com