Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70741 Datasheet(PDF) 13 Page - NEC

Part # UPD70741
Description  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70741 Datasheet(HTML) 13 Page - NEC

Back Button UPD70741 Datasheet HTML 9Page - NEC UPD70741 Datasheet HTML 10Page - NEC UPD70741 Datasheet HTML 11Page - NEC UPD70741 Datasheet HTML 12Page - NEC UPD70741 Datasheet HTML 13Page - NEC UPD70741 Datasheet HTML 14Page - NEC UPD70741 Datasheet HTML 15Page - NEC UPD70741 Datasheet HTML 16Page - NEC UPD70741 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
µPD70741
13
2.9 Watchdog Timer (WDT)
This block incorporates an 8-bit watchdog timer to detect a program hanging up or system errors. If the watchdog
timer overflows, the WDTOUT pin becomes active.
2.10 Clock Generator (CG)
Supplies clock pulses at a frequency five times greater than that of the oscillator connected to pins X1 and X2 (when
the built-in PLL is being used) or at half the frequency (when the built-in PLL is not being used) of the operating clock
pulses for the CPU. Also, instead of connecting an oscillator, external clock pulses can be input.
2.11 Bus Arbitration Unit (BAU)
Arbitrates any contention over bus mastership between the bus masters (CPU, DRAMC, DMAC, external bus
master). Bus mastership can be switched in each bus cycle and also in the idle state.
2.12 Port
Port 0 provides a total of ten input/output port pins. The pins can be used as either port or control pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com